Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LT6201CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT6201CS8 Datasheet HTML 17Page - Linear Technology LT6201CS8 Datasheet HTML 18Page - Linear Technology LT6201CS8 Datasheet HTML 19Page - Linear Technology LT6201CS8 Datasheet HTML 20Page - Linear Technology LT6201CS8 Datasheet HTML 21Page - Linear Technology LT6201CS8 Datasheet HTML 22Page - Linear Technology LT6201CS8 Datasheet HTML 23Page - Linear Technology LT6201CS8 Datasheet HTML 24Page - Linear Technology LT6201CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
Figure 2 shows the input and output waveforms of the
LT6200 driven into clipping while connected in a gain of
AV = 1. In this photo, the input signal generator is clipping
at ±35mA, and the output transistors supply this generator
current through the protection diodes.
APPLICATIONS INFORMATION
0V
VCC
2.5V
VEE
–2.5V
6200 F02
Figure 2. VS = ±2.5V, AV = 1 with Large Overdrive
ESD
The LT6200 has reverse-biased ESD protection diodes on
all inputs and outputs, as shown in Figure 1. If these pins
are forced beyond either supply, unlimited current will flow
through these diodes. If the current is transient and limited
to 30mA or less, no damage to the device will occur.
Noise
The noise voltage of the LT6200 is equivalent to that of
a 56Ω resistor—and for the lowest possible noise, it is
desirable to keep the source and feedback resistance
at or below this value (i.e., RS + RG//RFB ≤ 56Ω). With
RS + RG//RFB = 56Ω the total noise of the amplifier is:
en = √(0.95nV)2 + (0.95nV)2 = 1.35nV. Below this resis-
tance value the amplifier dominates the noise, but in the
resistance region between 56Ω and approximately 6kΩ,
the noise is dominated by the resistor thermal noise. As
the total resistance is further increased, beyond 6k, the
noise current multiplied by the total resistance eventually
dominates the noise.
For a complete discussion of amplifier noise, see the
LT1028 data sheet.
Power Dissipation
The LT6200 combines high speed with large output cur-
rent in a small package, so there is a need to ensure that
the die’s junction temperature does not exceed 150°C.
The LT6200 is housed in a 6-lead TSOT-23 package. The
package has the V – supply pin fused to the lead frame to
enhance the thermal conductance when connecting to a
ground plane or a large metal trace. Metal trace and plated
through-holes can be used to spread the heat generated by
the device to the backside of the PC board. For example,
on a 3/32" FR-4 board with 2oz copper, a total of 270mm2
connects to Pin 2 of the LT6200 (in a TSOT-23 package)
bringing the thermal resistance, θJA, to about 135°C/W.
Without an extra metal trace beside the power line con-
necting to the V– pin to provide a heat sink, the thermal
resistance will be around 200°C/W. More information on
thermal resistance with various metal areas connecting
to the V – pin is provided in Table 1.
Table 1. LT6200 6-Lead TSOT-23 Package
COPPER AREA
TOPSIDE (mm2)
BOARD AREA
(mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
270
2500
135ºC/W
100
2500
145ºC/W
20
2500
160ºC/W
0
2500
200ºC/W
Device is mounted on topside.
Junction temperature TJ is calculated from the ambient
temperature TA and power dissipation PD as follows:
TJ = TA + (PD • θJA)
The power dissipation in the IC is the function of the supply
voltage, output voltage and the load resistance. For a given
supply voltage, the worst-case power dissipation PD(MAX)
occurs at the maximum quiescent supply current and at
the output voltage which is half of either supply voltage
(or the maximum swing if it is less than half the supply
voltage). PD(MAX) is given by:
PD(MAX) = (VS • IS(MAX)) + (VS/2)2/RL
Example: An LT6200 in TSOT-23 mounted on a 2500mm2
area of PC board without any extra heat spreading plane
connected to its V– pin has a thermal resistance of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com