Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8 Datasheet(PDF) 26 Page - Linear Technology

Part # LT6201CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT6201CS8 Datasheet HTML 18Page - Linear Technology LT6201CS8 Datasheet HTML 19Page - Linear Technology LT6201CS8 Datasheet HTML 20Page - Linear Technology LT6201CS8 Datasheet HTML 21Page - Linear Technology LT6201CS8 Datasheet HTML 22Page - Linear Technology LT6201CS8 Datasheet HTML 23Page - Linear Technology LT6201CS8 Datasheet HTML 24Page - Linear Technology LT6201CS8 Datasheet HTML 25Page - Linear Technology LT6201CS8 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
26
62001fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2002
LT 0310 REV D • PRINTED IN USA
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single, Ultralow Noise 50MHz Op Amp
1.1nV/√Hz
LT1677
Single, Low Noise Rail-to-Rail Amplifier
3V Operation, 2.5mA, 4.5nV/√Hz, 60μV Max VOS
LT1722/LT1723/LT1724
Single/Dual/Quad Low Noise Precision Op Amp
70V/μs Slew Rate, 400μV Max VOS, 3.8nV/√Hz, 3.7mA
LT1806/LT1807
Single/Dual, Low Noise 325MHz Rail-to-Rail Amplifier
2.5V Operation, 550μV Max VOS, 3.5nV/√Hz
LT6203
Dual, Low Noise, Low Current Rail-to-Rail Amplifier
1.9nV/√Hz, 3mA Max, 100MHz Gain Bandwidth
Rail-to-Rail, High Speed, Low Noise Instrumentation Amplifier
–
+
LT6200-10
–
+
LT6200-10
LT6200-10
604Ω
1k
49.9Ω
VOUT
AV = 10
6200 TA03
AV = 13
100Ω
1k
100Ω
604Ω
49.9Ω
49.9Ω
150pF
Instrumentation Amplifier Frequency Response
RELATED PARTS
FREQUENCY (MHZ)
10
100
42.3dB
6200 TA04
AV = 130
BW–3dB = 85MHz
SLEW RATE = 500V/μs
CMRR = 55dB at 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com