Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC407BCW Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC407BCW Datasheet HTML 1Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 2Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 3Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 4Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 5Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 6Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 7Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
1
PAC407 CMOS VGA DIGITAL IMAGE SENSOR
General Description:
The PAC407 is a highly integrated CMOS active-pixel image sensor that has a VGA resolution (644H x 484V or
640H x 480V). The PAC407 outputs 8-bit data with wide range of formats include RGB Raw Data, RGB565 and
YCbCr422 through an 8-bit parallel data bus. It is available in 32-pin LCC and 22-pin CSP.
To have an excellent image quality, the PAC407 supports all require image processing functions, includes
Automatic Exposure Control, Automatic White Balance, Gamma Correction, Color Saturation Correction, Edge
Enhancement, Lens Shading Compensation and Defect Compensation. These functions are all programmable via
2TM
IC
serial control bus.
<25mA(~15 fps) power dissipation
2TM
IC
Serial Interface
Pin-to-pin compatible to OV7648
(Except for the polarity of RESET pin)
Key Specification:
Supply Voltage
2.8V to 3.3V
Resolution
640x480(YUV) or 644x484(Raw)
Array diagonal
4.5mm (~1/4”Optic)
Pixel Size
5.6
µmx5.6µm
Frame rate
~30 fps
System clock
Up to 26 MHz
Max. pixel rate (YUV)
26 MHz
BCA
1.4 V/Lux-Sec
Sensitivity
BCW
1.2 V/Lux-Sec
Color filter
RGB Bayer Pattern
Exposure Time
~ 4us to 0.1412s
Scan Mode
Progressive
S/N Ratio
> 45 dB
BCA
32-pin LCC
Package
BCW
22-pin CSP
Features:
VGA, QVGA, QQVGA (Sub-sampling) and
Window Of Interest (WOI) outputs with 8-bit
parallel data mode, the formats include:
o
Raw Data
o
RGB565
o
YCbCr422
VGA resolution, ~1/4” Lens
o
644 x 484 pixels (Raw Data)
o
640 x 480 pixels (YUV/RGB)
Bayer-RGB color filter array
Continuous variable frame time(1/2sec~1/30sec)
On-chip 10-bit pipelined A/D converter
On-chip programmable gain amplifier
o
4-bit color gain amplifier (x1~x2)
o
4-bit global gain amplifier (x1~x2)
Automatic image control functions:
o
AEC: Automatic Exposure Control
o
AWB: Automatic White Balance
Image quality control:
o
Color Saturation
o
Gamma Correction
o
Sharpness (Edge Enhancement)
o
Smooth filter for skin
Defect Compensation
Lens Shading Compensation
X Flip Function for mirrored image
Digital Zoom (x2, x4)
Note1: Only 2 decouple-capacitors needed.
Note2: Excellent sensitivity.


Similar Part No. - PAC407BCW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC400000FAC000 VISHAY-PAC400000FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC400000FAC000 VISHAY-PAC400000FAC000 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC400001FAC000 VISHAY-PAC400001FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC400001FAC000 VISHAY-PAC400001FAC000 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC400002FAC000 VISHAY-PAC400002FAC000 Datasheet
135Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
More results

Similar Description - PAC407BCW

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com