Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC407BCW Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAC407BCW Datasheet HTML 9Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 10Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 11Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 12Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 13Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 14Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 15Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 16Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
13
During read cycle, the master generates start condition and then place the 1st byte data that combine slave
address (7 bits) with a read/write control bit to SDA line. After slave issue acknowledgment, 8 bits DATA
was placed on SDA line by PAC407. The 8 bit data was read from PAC407 internal control register that
address was assigned by previous write cycle. Following the master acknowledgment, the PAC407 place
the next 8 bits data (address is increased automatically) on SDA line and then transfer to master serially.
The DATA and Am cycles are repeated until the last byte read. After last byte read, Am is no longer
generated by master but instead of keeping SDA line as high. The slave (PAC407) must releases SDA line
back to master to generate STOP condition. (Please refer to Figure 5.3.)
Figure 5.3 Data Transfer Format
5.3.
2TM
IC
Bus Timing
Figure 5.4 2TM
IC
Bus Timing
5.4.
2TM
IC
Bus Timing Specification
STANDARD-MODE
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
SCL clock frequency
fscl
10
400
kHz
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
tHD:STA
4.0
-
µs
Low period of the SCL clock
tLOW
4.7
-
µs
HIGH period of the SCL clock
tHIGH
0.75
-
µs
Set-up time for a repeated START condition
tSU;STA
4.7
-
µs
Data hold time. For 2TM
IC
bus device
tHD;DAT
0
3.45
µs
Data set-up time
tSU;DAT
250
-
ns
Rise time of both SDA and SCL signals
tr
30
N.D. (note)
ns
Fall time of both SDA and SCL signals
tf
30
N.D. (note)
ns
Set-up time for STOP condition
tSU;STO
4.0
-
µs
Bus free time between a STOP and START
tBUF
4.7
-
µs
SDA
SCL
tf
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tSU;DAT
tf
tSU;STA
tHD;STA
tSP
tSU;STO
tBUF
tr
PS
Sr
S
SDA
SCL
S
Start
Condition
1-7
8
9
1-7
8
9
1-7
8
9
P
Stop
Condition
ACK
from
Receiver
Data
ACK
from
Receiver
Data
ACK
from
Receiver
R/W
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com