Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC407BCW Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC407BCW Datasheet HTML 1Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 2Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 3Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 4Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 5Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 6Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 7Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
4
25
SDA
I/O
2TM
IC
data. Internal pull high resister is 10KΩ.
26
VCM
BYPASS Voltage common mode
27
VSSA
GND
Analog ground.
28
VRB
BYPASS Voltage reference bottom
29
PWDN
IN
Power Down (chip power down if high).
30
VDDA
PWR
Connected with a 0.1uF capacitor
31
VREF
IN
Internal voltage reference.
32
VRT
BYPASS Voltage reference top
Note: The pin-out difference between PAC407BCA and PAS302BCA are pin1 and pin32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com