Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R2R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3W-9010-R2R
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R2R Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3W-9010-R2R Datasheet HTML 1Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
258
Illuminated Tactile Switches
B3W-9
Ordering Information
■ 10 x 10 mm Switches
Standard force
High-force
Force
LED
Colour
No. of
LEDs
Cap color
Model
Standard
force
(OF = 160 gf)
Blue
1
Blue
B3W-9000-B1B
Transparent B3W-9000-B1C
Milky white
B3W-9000-B1N
2
Blue
B3W-9000-B2B
Transparent B3W-9000-B2C
Milky white
B3W-9000-B2N
Green
1
Green
B3W-9000-G1G
Transparent B3W-9000-G1C
Milky white
B3W-9000-G1N
2
Green
B3W-9000-G2G
Transparent B3W-9000-G2C
Milky white
B3W-9000-G2N
Green
(High
brightness)
1
Green
B3W-9000-HG1G
Transparent B3W-9000-HG1C
Milky white
B3W-9000-HG1N
2
Green
B3W-9000-HG2G
Transparent B3W-9000-HG2C
Milky white
B3W-9000-HG2N
Red
1
Red
B3W-9000-R1R
Transparent B3W-9000-R1C
Milky white
B3W-9000-R1N
2
Red
B3W-9000-R2R
Transparent B3W-9000-R2C
Milky white
B3W-9000-R2N
Yellow
1
Yellow
B3W-9000-Y1Y
Transparent B3W-9000-Y1C
Milky white
B3W-9000-Y1N
2
Yellow
B3W-9000-Y2Y
Transparent B3W-9000-Y2C
Milky white
B3W-9000-Y2N
Red + Blue 2
Transparent B3W-9000-RB2C
Red+
Green
2
Transparent B3W-9000-RG2C
Milky white
B3W-9000-RG2N
Red+High
Brightness
Green
2
Transparent B3W-9000-RHG2C
Force
LED
Colour
No. of
LEDs
Cap color
Model
High-force
(OF = 230 gf)
Blue
1
Blue
B3W-9002-B1B
Transparent B3W-9002-B1C
Milky white
B3W-9002-B1N
2
Blue
B3W-9002-B2B
Transparent B3W-9002-B2C
Milky white
B3W-9002-B2N
Green
1
Green
B3W-9002-G1G
Transparent B3W-9002-G1C
Milky white
B3W-9002-G1N
2
Green
B3W-9002-G2G
Transparent B3W-9002-G2C
Milky white
B3W-9002-G2N
Green
(High
brightness)
1
Green
B3W-9002-HG1G
Transparent B3W-9002-HG1C
Milky white
B3W-9002-HG1N
2
Green
B3W-9002-HG2G
Transparent B3W-9002-HG2C
Milky white
B3W-9002-HG2N
Red
1
Red
B3W-9002-R1R
Transparent B3W-9002-R1C
Milky white
B3W-9002-R1N
2
Red
B3W-9002-R2R
Transparent B3W-9002-R2C
Milky white
B3W-9002-R2N
Yellow
1
Yellow
B3W-9002-Y1Y
Transparent B3W-9002-Y1C
Milky white
B3W-9002-Y1N
2
Yellow
B3W-9002-Y2Y
Transparent B3W-9002-Y2C
Milky white
B3W-9002-Y2N
Red + Blue 2
Transparent B3W-9002-RB2C
Red +
Green
2
Transparent B3W-9002-RG2C
Milky white
B3W-9002-RG2N
Red+High
Brightness
Green
2
Transparent B3W-9000-RHG2C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com