Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R2R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3W-9010-R2R
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R2R Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3W-9010-R2R Datasheet HTML 1Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
260
Illuminated Tactile Switches
B3W-9
LED Specifications
Note: For Switches with two LEDs, red and green, the recommended operating current is 12 mA for the red and 20 mA for the green LED for ap-
plication with three-color illumination.
LEDs
■ Ambient Temperature vs Maximum Forward Current
■ Forward Current and Forward Voltage Curves (Condition: T
a=25°C)
Note: 1. Pay attention to the polarity of each LED. The anode and cathode can be identified by finding the cathode mark, as indicated on the Dimensions page.
2. Connect limiting resistors to the LEDs. The Switch does not have built-in limiting resistors, so satisfy the LED characteristics by obtaining the limiting
resistance according to the following formula based on the voltage to be used.
LED color
Red
Green
Green (high brightness)
Yellow
Blue
Maximum Forward current I
FM
27 mA
27 mA
27 mA
45 mA
27 mA
Recommended operating current I
F
20 mA
20 mA
10 mA
20 mA
10 mA
Forward voltage (typical value) V
F
1.8 V
2.1 V
3.7 V
2.4 V
3.7 V
Maximum reverse voltage V
R
5 V
5 V
5 V
5 V
5 V
Ambient operating temperature
-25
°C to 70°C
0
40
20
20
10
30
40
50
60
80
0
Ambient temperature Ta (
°C)
Yellow
High brightness
Green and Blue
Red, Green
0.2
0.5
5.0
50.0
100.0
0
1.5
0.1
2.0
20.0
200.0
0
1
2.5
3.5
1.0
10.0
300.0
00.5
2
3
Red
Forward voltage VF (V)
0
100
90
80
70
60
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
3.5
Forward voltage VF (V)
Green
0
2.0
1.5
40
20
60
80
100
2.5
3.0
1.0
Forward voltage VF (V)
Yellow
Green (High brightness), Blue
0
30
25
20
15
10
5
35
0
1234
5
Forward voltage VF (V)
Limiting resistance (R)=
(Voltage used (E) – LED forward voltage (VF))
LED forward current (IF)
(
Ω)
E
R
VF
IF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com