Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R2R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # B3W-9010-R2R
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R2R Datasheet(HTML) 5 Page - Omron Electronics LLC

  B3W-9010-R2R Datasheet HTML 1Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Illuminated Tactile Switches
B3W-9
261
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
■ 1 LED Types
B3W-900
@-@1@
B3W-901
@-@1@
■ 2 LED Types
B3W-900
@-@2
@
B3W-901
@-@2@
B3W
B3W
+
LED
3.6
±0.1
6.5
±0.1
3.6
±0.1
4.5
±0.1
4
2
1
3
11
(5.5)
3.5
5.8
4.4
6.5
12
×12±0.2
(7.2)
(7.2)
<B3W-900
@-@1@>
<B3W-901
@-@1@>
4.5
11
(5.5)
3.5
5.8
4.4
6.5
4.5
10
×10±0.2
10
×10±0.2
(1)
(2)
(4)
(3)
(1)
(2)
(4)
(3)
(7.2)
(7.2)
Cathode
mark
Cathode
mark
Cathod
Terminal Arrangement/
Internal Connections (Top View)
10
×10±0.2
PCB Mounting (Top View)
Note: If the poles of the LED are set inc
it may result in malfunction.
Six,
1
±0.1 dia.
holes*
Note: Terminal numbers are not printed on the Switch itself.
B3W
B3W
7.2
±0.1
6.5
±0.1
7.2
±0.1
4.5
±0.1
(5.5)
10
×10±0.2
4.5
11
(5.5)
3.5
5.8
4.4
6.5
4.5
11
3.5
5.8
4.4
6.5
12
×12±0.2
(7.2)
(7.2)
(7.2)
(7.2)
+
+
4
1
3
2
<B3W-900
@-@2@>
<B3W-901
@-@2@>
10
×10±0.2
10
×10±0.2
(1)
(2)
(4)
(3)
(1)
(2)
(4)
(3)
Eight,
1
±0.1 dia
holes*
Catho
LED 1
LED 2
PCB Mounting (Top View)
Terminal Arrangement/
Internal Connections (Top View)
Note 1: If the poles of the LED are set inco
it may result in malfunction.
2: For models with two-color LEDs, th
of LED 1 is at position LED 1.
The color of LED 2 is at the position
B3W-90
@@-RG2@
Cathode
mark
Cathode
mark
Note: Terminal numbers are not printed on the Switch itself.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com