Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7302PM Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # PAC7302PM
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7302PM Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button PAC7302PM Datasheet HTML 16Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 17Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 18Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 19Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 20Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 21Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 22Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 23Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 24Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
20
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
8.2PLCC(9.0x9.0)Package(PAC7302PM)
2621
D1
LED-0603
VDDMA5
VDDPGA33
R14
10K_N.M.
Open
R14
R28
100k
U2
PAC7302PM
1
2
3
4
5
17
18
19
20
21
22
23
24
25
36
37
38
39
40
16
MIC_N
VSSA_AUDIO
VDDADC33
GPI3
GPO1
AUD_EnH
VSSD
VDDD
VDDMD5
VDDQ
OSC_OUT
OSC_IN
DN
DP
VDDMA5_AUD
VDDPGA33
VCOM
VDDMIC28
MIC_P
EPR_EN
L1
3.3uH
VDDD
+
C19
10uF
Short
VDDQ
VDDADC33
DP
OSC_OUT
L2
3.3uH
C6
0.1uF
Short
EPR_DI
VDDMIC28
OSC_IN
(Def ault)
VDDMA5_AUD
.
R16
10M
C27
10uF_N.M.
C20
10uF_N.M.
R10
27
VDDMD5
C13
1uF
C9
1uF
Short
VDDPGA33
R11
1.5K
C2
2.2uF
C21
10uF_N.M.
VCOM
VDDADC33
C8
1uF
C22
0.1uF
262F
Short
C1
1uF
R1
1k
C23
0.1uF
VDDQ
C3
10pF
Open
R13
VDD_5V
R17
0 or 3.3uH
VDDMD5
VSSA
VDDQ
R9
27
PID IO_TRAP
VSSQ
Open
EPR_CS
R8
2.2k
R15
10K_N.M.
C5
10pF
R2
300k
262E
R29 0
MIC_N
C24
10uF
Open
Open
Short
VDDMA5_AUD
R26
5.1k
C7
10uF
USBGND
VDDMA5_AUD
VDDAY M
R19
0 or 3.3uH
C26
0.1uF_N.M.
C16
10uF
Open
Open
R7
1M
C15
0.1uF
VDDD
R13
10K_N.M.
Short
Short
VDDAY
C30
0.1uF_N.M.
C31
10uF
C17
1uF
C12
0.1uF
Y1
12MHz
VDDMD5
C28
10uF
Open
.
Short
Open
C4
2.2uF
C25
1uF
VDD_5V
C11
22uF
VDDA
R18
0 or 3.3uH
R6
10k
R23
0
Open
C29
4.7nF/250V
Open
DP
.
X1
MICROPHONE
C18
1uF
R25 0
R22
0
R3
2.2k
VDDA33
C10
0.1uF_N.M.
PID
.
R12
10K_N.M.
EPR_DO
C14
10uF
U3
KEY
MIC_P
L5
short
R15
PAC7302 PID IO_TRAP
VDDMIC28
L4
short
2620
+
C32
22uF
VDDA
EPR_SK
DN
R27 0
2628
.
VDDMA5
CON1
MINI USB 5P
6
9
7
8
HC1
HC4
HC2
HC3
R5
10k
.
VDDAY
Short
USBGND
R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com