Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7302PM Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAC7302PM
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7302PM Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAC7302PM Datasheet HTML 16Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 17Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 18Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 19Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 20Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 21Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 22Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 23Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 24Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
22
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
8.3.2CSPPackage(PAC7302LT)
X1
MICROPHONE
R15
10K_N.M.
VDDQ
Open
Open
.
Short
VCOM
U3
KEY
R12
10K_N.M.
EPR_CS
Open
.
Open
MIC_P
C4
2.2uF
Y1
12MHz
VDDMA5
.
VDDMD5
PID
USBGND
R20
0
C15
0.1uF
MIC_P
C31
10uF
C7
10uF
VDDA
PAC7302 PID IO_TRAP
R15
C27
10uF_N.M.
2620
VDD5V
R6
10k
VDDQ
VDDADC33
2628
L4
short
C18
1uF
.
C14
10uF
VDDMA5_AUD
C21
10uF_N.M.
VCOM
R14
10K_N.M.
C30
0.1uF_N.M.
VDDMA5
R5
10k
.
L2
3.3uH
Short
CON1
MINI USB 5P
6
9
7
8
HC1
HC4
HC2
HC3
VDDAY M
R12
VDDA33
OSC_IN
VDDMD5
+
C32
22uF
C26
0.1uF_N.M.
2621
D1
LED-0603
Open
R19
0 or 3.3uH
R14
Short
VDDQ
VDDA33
L1
3.3uH
VDDMD5
Short
VDDD
(Def ault)
VDD_5V
R16
10M
DP
OSC_OUT
.
VDDPGA33
R25
0
+
C19
10uF
C16
10uF
MIC_N
L3
short
VDD_5V
EPR_SK
VDDMA5_AUD
R10
27
C22
0.1uF
DN
C13
1uF
R8
2.2k
R2
300k
Short
C2
2.2uF
C9
1uF
C3
10pF
C8
1uF
C25
1uF
Short
262F
VSSA_Audio
R11
1.5K
EPR_DO
C24
10uF
C1
1uF
R17
0 or 3.3uH
C23
0.1uF
R21
0
VDDAY M
USBGND
EPR_DI
R1
1k
C6
0.1uF
Open
R13
VDDMA5
VDDA
C11
22uF
R26
100K
VDDMIC28
R13
10K_N.M.
PID IO_TRAP
C17
1uF
VSSQ
R18
0 or 3.3uH
Open
DP
U1
PAC7301/7302LT
32
34
33
12
13
14
15
16
17
27
28
29
30
31
11
35
10
VDDMD5
DN
OSC_OUT
VDDA33
VSSQ
GPI1
VCOM
VDDAY
VDDAY M
VDDQ
OSC_IN
VSSA
EPR_EN
VSSQ
VDDMA5
DP
MIC_P
R24
0
262E
C28
10uF
C12
0.1uF
VSSA
C29
4.7nF/250V
R9
27
C10
0.1uF_N.M.
Open
Open
Short
VDDAY
OSC_OUT
C20
10uF_N.M.
C5
10pF
R7
1M
R23
5.1k
Open
Open
OSC_IN
VDDAY
Short
Short
VDDAY
R3
2.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com