Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7302PM Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC7302PM
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7302PM Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC7302PM Datasheet HTML 1Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 2Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 3Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 4Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 5Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 6Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 7Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 8Page - Pixart Imaging Inc. PAC7302PM Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
3.3CSPPackage
Pin# Name
Type
Description
1
GPO1
OUT
General purpose output pin
2
VDDADC33
BYPASS Audio ADC power ,3.3V
3
MIC_N
IN
Microphone negative input
4
VDDMIC28
BYPASS Analog MIC reference audio power 2.8V
5
VDDPGA33
BYPASS Analog power output for audio PGA 3.3V
6
VDDMA5_AU
D
PWR
5V power for analog audio circuit
7
RESET#
IN
Chip power up reset
8
GPI3
IN
General purpose input pin
9
VSSA_AUDIO GND
Audio analog circuit GND
10 MIC_P
IN
Microphone positive input
11 VDDMA5
PWR
5V power for video analog circuit
12 VDDA33
BYPASS Analog power output 3.3V(for 2.5 regulator use)
13 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
14 GPI1
IN
General purpose input pin
15 VCOM
BYPASS Microphone common mode voltage reference(audio power)
16 VDDAY
BYPASS Analog power for sensor array 2.5V
17 VDDAYM
BYPASS Analog power for sensor CDS 2.5V
18 EPR_DI/TR0
OUT
Data input of EEPROM (IO trap pin for PID0, internal pull-up 100Kohm)
19 EPR_SK/TR2
OUT
Serial clock of EEPROM (IO trap pin for PID2, internal pull-up 100Kohm)
20 EPR_DO/TR3 IN
Data out of EEPROM (IO trap pin for PID3, internal pull-up 100Kohm)
21 VDDA
BYPASS Analog power for Video PGA/ADC 2.5V
22 KEY#
IN
Snapshot control signal (Active Low, internal pull-up 100Kohm)
23 VSSAY
GND
Sensor ground
24 EPR_CS/TR1
OUT
Chip select of EEPROM (IO trap pin for PID1, internal pull-up 100Kohm)
25 LED
OUT
LED driver
26 VDDD
BYPASS Logic power for digital circuit, 1.8V
27 VDDQ
BYPASS Power for I/O and PHY, 3.3V
28 OSC_IN
IN
Crystal input
29 VSSA
GND
Analog ground
30 EPR_EN
IN
EEPROM enable pin active high
31 VSSQ
GND
Ground for I/O and PHY
32 VDDMD5
PWR
5V power for digital circuit
33 OSC_OUT
OUT
Crystal output
34 DN
I/O
DN for USB1.1 PHY
35 DP
I/O
DP for USB1.1 PHY
3.4LGAPackage
Pin# Name
Type
Description
1
GPO1
OUT
General purpose output pin
2
VDDADC33
BYPASS Audio ADC power ,3.3V
3
VSSA_AUDIO GND
Audio analog circuit GND
4
MIC_N
IN
Microphone negative input
5
MIC_P
IN
Microphone positive input
6
VDDMIC28
BYPASS Analog MIC reference audio power 2.8V
7
VCOM
BYPASS Microphone common mode voltage reference(audio power)
8
VDDPGA33
BYPASS Analog power output for audio PGA 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com