Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7311CS Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAC7311CS
Description  VGA PC Camera Single-Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7311CS Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAC7311CS Datasheet HTML 1Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 2Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 3Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 4Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 5Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 6Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 7Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 8Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PixArt Imaging Inc.
PAC7311
VGA PC Camera Single-Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.5 Oct. 2005
3
. Function Description
3.1Analog DataPath
The PixArt VGA sensor is a 1/4inch CMOS imaging sensor with 644x488 physical pixels. The active
region of sensor array is 644x484. The sensor array is cover with Bayer pattern color filters and micro lens.
After a programmable exposure time, the image is sampled first with CDS (Correlated Double Sampling) block
to improve S/N ration and reduce fixed pattern noise.
Three analog gain stages are implemented before signal transferred by the 10bit ADC. The front gain stage
(FG) can be programmed to fit the saturation level of sensor to the full-range input of ADC. The programmable
color gain stage (CG) is used to balance the luminance response difference between B/G/R. The global gain
stage (GG) is programmed to adapt the gain to the image luminance.
The fine gained signal will be digitized by the on-chip 10bit ADC. After the image data has been digitized,
further alteration to the signal can be applied before the data is output.
The gain stage can be set by digital register, please refer to the following equation to get the mapping gain.
Front Gain =
2 + (n/4),
n = 0, 1, 2, …7
Color Gain =
1 + (m/16),
m= 0, 1, 2, …15
Global Gain =
1 + (q/16),
q = 0, 1, 2, …15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com