Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7311CS Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAC7311CS
Description  VGA PC Camera Single-Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7311CS Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAC7311CS Datasheet HTML 2Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 3Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 4Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 5Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 6Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 7Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 8Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 9Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PixArt Imaging Inc.
PAC7311
VGA PC Camera Single-Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.5 Oct. 2005
4. Specifications
Absolute Maximum Ratings
Exposure to absolute maximum rating may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Notes
VDD
DC supply voltage
-0.5
5.5
V
VIN
DC input voltage
0.5
3.8
V
VOUT
DC output voltage
-0.5
3.8
V
TSTG
Storage temperature
0
70
℃
Recommend Operating Condition
Symbol
Parameter
Min
Typ.
Max
Unit
Notes
TA
Operating Temperature
0
-
40
°C
VDD
Power supply voltage
4.25
5.0
5.5
V
FCLK
System clock frequency
-
12
-
MHz
DC Electrical Characteristics (Typical values at 25°C, VDD =5.0 V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Type: PWR
IDD
Operating Current
65
mA
@30 frame/sec
Type: IN & I/O, Reset
VIH
Input voltage HIGH
2.0
VDDQ
V
VIL
Input voltage LOW
0
0.8
V
CIN
Input capacitor
10
pF
ILKG
Input leakage current
1.0
uA
Type: OUT & I/O
VOH
Output voltage HIGH
VDDQ-0.2
V
CL= 10pf, RL=1.2kΩ
VOL
Output voltage LOW
0.2
V
CL= 10pf, RL=1.2kΩ
Sensor Characteristics (Light source: 3200K halogen lamp; 8bit resolutions)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
PRNU
Photo response non-uniformity
-
1.3
-
%
VSAT
Saturation output voltage
-
0.832
-
V
VDARK
Dark output voltage
-
0.055
-
V/sec
DSNU
Dark signal non-uniformity
-
0.001
-
V
R
Sensitivity (Red channel)
-
4.590
-
V/Lux*sec
G
Sensitivity (Green channel)
-
3.060
-
V/Lux*sec
B
Sensitivity (Blue channel)
-
2.448
-
V/Lux*sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com