Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7311CS Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7311CS
Description  VGA PC Camera Single-Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7311CS Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7311CS Datasheet HTML 1Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 2Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 3Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 4Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 5Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 6Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 7Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 8Page - Pixart Imaging Inc. PAC7311CS Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAC7311
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.5 Oct. 2005
PAC7311 VGA PC Camera Single-Chip
General Description
The PAC7311 is a single chip with an embedded VGA CMOS image sensor and USB 1.1 interface. It has JPEG
image compression and image processing. The generic application is a PC camera. JPEG decoder and auto
exposure are performed by software in PC side. And the optical size is 1/4” which can easily be embedded in
LCD monitors, notebooks or PDA.
There are 4 IO-trapping pins with internal pull-low resistors. It is flexible for customers to set PID. It supports the
interface to a serial-EEPROM. When the EEPROM function is enabled, the internal control registers can be
power-up loaded from external EEPROM. This allows customization of VID, PID, product string.
Key Specification
Supply Voltage
5.0V ± 10%
Resolution
640 (H) x 480 (V)
Array Diagonal
4.48mm
Optical format
1/4“
Pixel Size
5.6um x 5.6um
Frame Rate
Up to 30fps
System Clock
12MHz
Color Filter
RGB Bayer Pattern
Scan mode
Progressive
Sensitivity
3.06 V/lux*sec
PGA gain
23.52dB (Max.)
S/N ratio
>45dB
Power consumption 65mA
Package
48-pin PLCC / 37-pin CSP
Features
VGA resolution, ~1/4”Lens
Frame rate up to 30fps at following resolution format
VGA format (640x480) with JPEG compression
CIF format (352x288) with JPEG compression
QVGA format (320x240) with JPEG compression
QCIF format (176x144) without compression
QQVGA format (160x120) without compression
RGB Bayer’s pattern raw data
Up to 3fps @VGA format (640x480)
Up to 12fps @CIF format (352x288)
Up to 12fps @QVGA format (320x240)
Up to 30fps @QCIF format (176x144)
Up to 30fps @QQVGA format (160x120)
Standard JPEG compression engine comply to ISO/IEC
10918-1(JPEG)
AEC/AGC/AWB automatic
4 IO-trapping pins to set USB PID
Support USB suspend mode
Support video data transfer through USB isochronous
transfer
Snapshot control through USB interrupt pipe
USB Vendor ID, Product ID, device release number and
the string descriptor index via a serial EEPROM
(93C46) or by metal mask
Complete
Universal
Serial
Bus®
spec
V1.1
compatibility
Ordering Information
Order number
Package Type
Package Size(mm)
PAC7311PE
48-pin PLCC
11.43 x 11.43
PAC7311CS
37-pin CSP
5.06 x 5.55


Similar Part No. - PAC7311CS

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7312CS PIXART-PAC7312CS Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7312PE PIXART-PAC7312PE Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
More results

Similar Description - PAC7311CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
VGA & CIF USB PC Camera Controller
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
logo
List of Unclassifed Man...
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
VGA & CIF USB PC Camera Controller
logo
STMicroelectronics
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
STMicroelectronics
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
VGA single-chip camera module
12-Jan-2007
logo
Pixart Imaging Inc.
PAC7301 PIXART-PAC7301 Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
VGA PC Camera Single-Chip with Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com