Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3501UI Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAN3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3501UI Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAN3501UI Datasheet HTML 2Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PixArt Imaging Inc.
PAN3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, APR. 2005
DC Electrical Characteristics
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD =5.0 V
Symbol Parameter
Min. Typ. Max. Unit
Notes
Type: USB Mouse PWR
IDD
Supply Current
Mouse moving (normal)
-
12
-
mA
IDD
Supply Current
Mouse not moving (sleep1)
-
8
-
mA
IDD
Supply Current
Suspend current (suspend)
-
-
480
uA
Type: BL, BM, BR, B4, B5
RPH
Internal Pull-up Resistance
-
50
-
Kohm
Type: Z1, Z2
RPD
Internal Pull-down Resistance
-
50
-
Kohm
PAN3501UI built-in internal pull-down
resistance. PAN3501UI-PX needs external
pull-down resistance.
Type: BL, BM, BR, B4, B5, Z1, Z2
VIH
Input High Voltage
2.0
-
-
V
VIL
Input Low Voltage
-
-
0.8
V
Type: USB DP, DN
RPH
Internal Pull-up Resistance
-
1.5
-
Kohm
VOL Output Low Voltage
-
-
0.3
V
Type: OSCIN
VIH
Input High Voltage
2.0
-
-
V
When driving from an external source
VIL
Input Low Voltage
-
-
0.5
V
When driving from an external source
Type: LED
VOL Output Voltage LOW
-
-
360
mV I OL = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com