Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3501UI Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3501UI Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN3501UI Datasheet HTML 1Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 2Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PixArt Imaging Inc.
PAN3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, APR. 2005
3. Specifications
Absolute Maximum Ratings
Exposure to absolute maximum rating may affect device reliability.
Symbol Parameter
Min.
Max.
Unit
Notes
TSTG
Storage temperature
-40
85
℃
TA
Operating Temperature
-15
55
°C
Lead Solder Temp
-
260
°C
For 10 seconds, 1.6mm below seating plane.
ESD
-
2
kV
All pins, human body model MIL 883 Method
3015
VDD
DC supply voltage
-0.5
5.5
V
VIN
DC input voltage
-0.5
5.5
V
All I/O pin
Recommend Operating Condition
Symbol Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating Temperature
0
-
40
°C
VDD
Power supply voltage
4.25
5.0
5.5
V
VN
Supply noise
-
-
100
mV
Peak to peak within 0-100 MHz
FCLK
Clock Frequency
-
18.000
-
MHz
FR
Frame Rate
-
3000
-
Frames/sec
Z
Distance from lens
reference plane to surface
2.3
2.4
2.5
mm
Refer to Figure 4.
S
Speed
0
14
28
Inches/sec
A
Acceleration
-
-
20
g
R
Resolution
-
400
800
cpi
Lens
Package Lid
OBJECT SURFACE
Z
Figure 4. Distance from lens reference plane to surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com