Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3501UI Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAN3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3501UI Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAN3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 11Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 12Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 13Page - Pixart Imaging Inc. PAN3501UI Datasheet HTML 14Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PixArt Imaging Inc.
PAN3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, APR. 2005
5.2 Typical Application for PAN3501UI-PX with Optical Encoder
Z2
SW1
BR
+
C2
10uF
VCC_5V
IRCTL
R9
1M
+
C4
1uF
SW5
B5
Z2
D+
R6
0?
VCC_5V
RFU
PIN3(SR):
PULL LOW
=> -90 degree
PULL HIGH => +90 degree
FLOATING
=>
0 degree
D1
IR
R7
0?
VCC_5V
RFU
VCC_5V
R5
5.1K
SW2
BM
R2
0?
R3
0?
U2
PT
VCC_5V
Z1
PIN10(CPI)
PULL LOW
=> 800CPI
PULL HIGH => 600CPI
FLOATING
=> 400CPI
D1
LED
SW3
BL
X1
18.000MHZ
D-
IRCTL
VCC_5V
R5
0?
PIN7(DT)
PULL LOW
=> 3D3B
PULL HIGH => 2D2B
FLOATING
=> 3D5B
J1
USB CABLE
1
2
3
4
5
VDDQ
R4
0?
+ C1
1uf
R6
470
D-
SW4
B4
C5
0.1uF
C3
0.1uF
Q1
2N3906
D+
R1
R8
1M
Z1
R4
5.1K
Note:
1. Please connect the RFU pin to USB connector shell
for future use,
PAN3501UP used the pin to switch USB or PS/2.
2. For resistor value selection, refer to high or low input
level of Z1 and Z2 in the D.C. Electrical Characteristics
table.
The recommended value for R2 is 470ohm.
The recommended value for R3/R4 is 5.1Kohm.
VCC_5V
U1
PAN3501UI-PX
22
3
24
2
23
7
19
6
5
18
16
20
17
21
1
9
15
4
8
10
11
12
14
13
BR
SR
TEST
Z2
RFU
DT
OSCOUT
BL
BM
OSCIN
VSS
D+
VDDQ
D-
Z1
B5
VDD5V
IRCTL
B4
CPI
VSSLED
LED
VREFA
VREFB
Figure 8. Application circuit for PAN3501UI-PX (Optical Encoder)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com