Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BC Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAS109BC
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BC Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAS109BC Datasheet HTML 4Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 5Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 6Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 9Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 10Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 11Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
5.2.2 Slave transmits data to master (read cycle)
The sub-address was taken from previous write cycle
The sub-address is automatically increment after each byte read
Am : Acknowledge by master
Note there is no acknowledgment from master after last byte read
During read cycle, the master generates start condition and then place the 1
st byte data that are combined
slave address (7 bits) with a read/write control bit to SDA line. After issue acknowledgment, 8 bits DATA was
also placed on SDA line by PAS109B. The 8 bit data was read from PAS109B internal control register that
address was assigned by previous write cycle. Follow the master acknowledgment, the PAS109B place the next 8
bits data (address is increment automatically) on SDA line and then transmit to master serially. The DATA and
Am cycles is repeat until the last byte read. After last byte read, Am is no longer generated by master but instead
by keep SDA line high. The slave (PAS109B) must releases SDA line to master to generate STOP condition.
(Please refer to Fig 5.3.)
Fig 5.3 Data Transfer Format
S
SLAVE ADDRESS
(7 BITS)
RW
A
DATA (8 BIT)
Am
DATA
1
P
1ST BYTE
2ND BYTE
n BYTE
NO ACK IN LAST
BYTE
Am
DATA
SDA
SCL
S
Start
Condition
1-7
8
9
1-7
8
9
1-7
8
9
P
Stop
Condition
ACK
from
Receiver
Data
ACK
from
Receiver
Data
ACK
from
Receiver
R/W
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com