Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BC Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS109BC
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BC Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS109BC Datasheet HTML 6Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 9Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 10Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 11Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 12Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 13Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
6. Specifications
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Vdd
DC supply voltage
-0.5
3.8
V
Vin
DC input voltage
0.5
Vdd+0.5
V
Vout
DC output voltage
-0.5
Vdd+0.5
V
Topt1
Operating temperature (chip functional)
-10
70
℃
Topt2
Operating temperature (guaranteed performance)
0
40
℃
DC Electrical Characteristics (VDD=3.0V±20%, Ta=10°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDD
Analog and digital operating voltage
2.4
3.0
3.6
V
IDD
Operating Current
8
mA
Istby
Standby current
100
uA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDD
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
pF
Ilkg
Input leakage current
TBD
uA
Type : OUT & I/O for PXD0:7, PXCK, H/VSYNC & SDA, load 10pf, 1.2kΩ, 3.0volts
VOH
Output voltage HIGH
Vdd-0.2
V
VOL
Output voltage LOW
0.2
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYSCLK
Master clock frequency
4.5
48
MHz
PXCK
Pixel clock output frequency
1.5
MHz
Sensor Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Photo response non-uniformity
PRNU
1.18
%
Saturation output voltage
Vsat.
1.35
V
Dark output voltage
Vdark
35
mV/sec
Dark signal non-uniformity
DSNU
2.52
%
Sensitivity ( Red channel )
R
2.0
V/Lux-sec
Sensitivity ( Green channel )
G
2.0
V/Lux-sec
Sensitivity ( Blue channel )
B
1.35
V/Lux-sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com