Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BC Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAS109BC
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BC Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS109BC Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 9Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 10Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 11Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 12Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 13Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 14Page - Pixart Imaging Inc. PAS109BC Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
7.2.2. Lens Specification & Package Outline
Lens specification:
EFL
1.7mm
BFL
1.65mm
F no.
2.2
Diagonal Field of View
52°
Distortion
-3%
IR filter cutoff
648nm+10nm
Note: Customized lens is available upon request.
Package Outline:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com