Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BB Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAS109BB
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BB Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAS109BB Datasheet HTML 2Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 3Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 4Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 5Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 6Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 9Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
5. I
2C Bus
PAS109B supports I2C-bus transfer protocol and is acting as slave device. The 7 bits unique slave address is
1000000 and supports receiving / transmitting speed up to 400kHz.
5.1 I
2C bus overview
Only two wires SDA (serial data) and SCL (serial clock) carry information between the devices connected
to the I2C bus. Normally both SDA and SCL lines are open collector structure and pull high by external
pull-up resistors.
Only the master can initiates a transfer (start), generates clock signals, and terminates a transfer (stop).
Start and stop condition: A high to low transition of the SDA line while SCL is high defines a start
condition. A low to high transition of the SDA line while SCL is high defines a stop condition. Please
refer to Fig 5.1.
Valid data: The data on the SDA line must be stable during the high period of the SCL clock. Within each
byte, MSB is always transferred first. Read/write control bit is the LSB of the first byte. Please refer to
Fig 5.2.
Both the master and slave can transmit and receive data from the bus.
Acknowledge: The receiving device should pull down the SDA line during high period of the SCL clock
line when a complete byte was transferred by transmitter. In the case of a master received data from a
slave, the master does not generate an acknowledgment on the last byte to indicate the end of a master
read cycle.
Fig 5.1
Start and Stop Conditions
S
Start
Condition
SDA
SCL
P
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com