Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BB Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS109BB
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BB Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS109BB Datasheet HTML 1Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 2Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 3Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 4Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 5Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 6Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAS109B
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
PAS109BC QQVGA COLOR CMOS IMAGE SENSOR
PAS109BB QQVGA MONO CMOS IMAGE SENSOR
General Description
The PAS109B is a color and monochrome digital CMOS image sensor with resolution of 164(H) x 124(V). The
PAS109B outputs 8, 4 , 2 or 1-bit digital raw data or 8-bit formatted data per pixel.
The PAS109B performs automatic gain control, automatic exposure control and automatic de-flicker. The
PAS109B can also be programmed via I
2CTM serial control bus. By programming the internal register settings, it
performs on-chip frame rate adjustment, exposure control, offset correction DAC, programmable gain control as
well as output formatting. By proprietary technology, FPN, smear and blooming are drastically reduced.
The PAS109 is available in color or monochrome in 32-pin LCC or 32-pin chip-with-lens package.
Key Specification
Power Supply
Wide operating supply range
2.4V ~ 3.6V
Array Elements
164 x 124
Optical Format
1/11 ”
Pixel Size
7.25
7.25
7.25
7.25µµµµm x 7.25
7.25
7.25
7.25µµµµm
System Clock
Up to 48MHz
Max. Pixel Rate
1.5MHz
FPN
< 0.2% of saturation
Sensitivity
2.0V/Lux-sec
PGA Gain
16X (24dB)
Frame Rate
60fps
Scan Mode
Progressive
S/N ratio
>40dB
Package
32-pin LCC or 32-pin LCC
chip with lens
Features
164x124 pixels, 1/11” Lens
Automatic/Manual exposure-gain control
On chip 10-bit ADC
On chip PGA
On chip 9-bit DAC
User selectable output data formats:
•
8-bit formatted data
•
8/4/2/1-bit raw data
Output tri-state through /CSB pin or register
AE report
Horizontal mirror output
Flash light application allowable
Automatic de-flicker
External oscillator
I
2C Interface
Wide operating supply range: 2.4 – 3.6V
Low power dissipation: 16mW @ 60fps
Low power down dissipation: 200
µµµµW


Similar Part No. - PAS109BB

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS1012A1 APEX-ELECTRONICS-PAS1012A1 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS1012A2 APEX-ELECTRONICS-PAS1012A2 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS1012A3 APEX-ELECTRONICS-PAS1012A3 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS1012A4 APEX-ELECTRONICS-PAS1012A4 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS1012A5 APEX-ELECTRONICS-PAS1012A5 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results

Similar Description - PAS109BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
CIF COLOR CMOS IMAGE SENSOR
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
CMOS Image Sensor
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
CMOS Image Sensor
August, 2015 ??Rev. 4
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
CMOS Image Sensor
March, 2016 ??Rev. 5
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
CMOS Image Sensor
December, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com