Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS109BB Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS109BB
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109BB Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS109BB Datasheet HTML 1Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 2Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 3Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 4Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 5Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 6Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 7Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 8Page - Pixart Imaging Inc. PAS109BB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
1. Pin Assignment
7
VDDY1
BYPASS
Reference voltage
Pin#
Name
Type
Description
Power Supply
28
VDDD
P
Digital VDD
27
GNDD
P
Digital Ground
3
VDDA
P
Analog VDD
2
GNDA
P
Analog Ground
19
VDDQ
P
Digital VDD
18
GNDQ
P
Digital Ground
1
GNDE
P
Ground
Data Interface
17
D0
O
Pixel data output, LSB
16
D1
O
Pixel data output
15
D2
O
Pixel data output
12
D3
O
Pixel data output
11
D4
O
Pixel data output
10
D5
O
Pixel data output
9
D6
O
Pixel data output
8
D7
O
Pixel data output, MSB
22
PXCK
O
Pixel clock output
23
HSYNC
O
Horizontal Synchronization clock
24
VSYNC
O
Vertical Synchronization clock
Analog pin
6
VRT
I/O
ADC reference voltage, top level
4
VCM
I/O
Common mode voltage reference
5
VRB
I/O
ADC reference voltage, bottom level
I
2C
25
SCL
I
I2C interface clock
26
SDA
I/O
I2C interface bi-direction data
Misc. Pins
30
CSB
I
Chip select bar, active low
20
SYSCLK
I
System clock input pin
14
VLRST
BIAS
Fixed bias input voltage
13
NC
-
Not connected
21
NC
-
Not connected
29
NC
-
Not connected
31
NC
-
Not connected
32
NC
-
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com