Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6F-CABLE2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D6F-CABLE2
Description  MEMS Flow Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-CABLE2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D6F-CABLE2 Datasheet HTML 1Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 2Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 3Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 4Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MEMS Flow Sensor
D6F-P0010A
Ordering Information
Model
Wiring
Flow range
D6F-P0010A1
1L/min
1L/min
-
D6F-P0010A2
D6F-CABLE2
Gas
Case
PCB-mounting model
Air
PBT
PBT
-
Cable connector assembly
-
Air
Connector model
Electrical Performance
Item
Symbol
Rating
Unit
5 – 10
VDC
VDC
0.5 – 2.5
Power supply voltage
Vcc
Vout
Output voltage
Sensor Specifications
Model
D6F-P0010A1
D6F-P0010A2
Termination
PCB Terminals
Connector JST SM03B-SRSS-TB
Storage humidity
85%RH max (without freezing and condensation)
Insulation resistance
20M Ohm min.(DC 500VDC, between lead terminal and case)
Flow range/ Pressure range
+ 1.0 SLM (+ 0.84 in H2O)
Applicable gas
Air (contact Omron for other gases)
Accuracy
Temperature characteristic
Operating temperature
-10 to 60 deg C (without freezing and condensation)
Operating humidity
Storage temperature
Output signal
Withstand pressure
Current consumption
+/- 5% F.S. (typical test results within +/- 2% F.S.)
+/- 5% F.S.
85%RH max (without freezing and condensation)
-40 to 80 deg C (without freezing and condensation)
Analog 0.5 to 2.5 VDC, Amplified and Temperature Compensated
50kPa (7psi)
Max 15mA (No load, Vcc=5 VDC, 25 deg C)
MEMS Mass Flow Sensor
D6F-P
1
Compact, Highly Reliable Flow-Sensor
with Unique Dust Segregation System
• Cyclone flow structure diverts particulate from sensor element
• PCB-mounted & connector models available
• High accuracy, reliable mass flow measurement
• Alternative to differential pressure sensing
• Measure over 200 LPM with a bypass set-up


Similar Part No. - D6F-CABLE2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-Cable2 OMRON-D6F-Cable2 Datasheet
352Kb / 5P
MEMS Mass Flow Sensor
D6F-CABLE2 OMRON-D6F-CABLE2 Datasheet
231Kb / 4P
MEMS Mass Flow Sensor
D6F-CABLE2 OMRON-D6F-CABLE2 Datasheet
748Kb / 6P
A Compact, High-accuracy Flow Sensor with Superior Resistance to Environments.
More results

Similar Description - D6F-CABLE2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
MEMS Flow Sensor
D6F-01N OMRON-D6F-01N Datasheet
265Kb / 6P
MEMS Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
MEMS Mass Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
MEMS Flow-Sensor
D6F-W OMRON-D6F-W Datasheet
448Kb / 6P
MEMS Air Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
MEMS Mass Flow Sensor
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
MEMS Mass Flow Sensor
logo
ES Systems
ESRF-ESF ES-ESRF-ESF Datasheet
900Kb / 14P
Resistive MEMS Gas Flow Sensor
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
MEMS Resistive Gas Flow Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com