Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6F-CABLE2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D6F-CABLE2
Description  MEMS Flow Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-CABLE2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D6F-CABLE2 Datasheet HTML 1Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 2Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 3Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 4Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions
All dimensions are shown in mm.
Use 2 suitable M2.6 screws for mounting. Do not exceed a fixing torque of 0.59 Nm.
MEMS Mass Flow Sensor
D6F-P
3
D6F-P0010A1 (PCB lead)
D6F-P0010A2 (connector)
A (2:1)
D6F-CABLE2 (optional)
Connector Information
Omron: D6F-CABLE2
or JST IDC type: Receptacle 03SR-3
Wire AWG #30
or JST crimp type: Contact SSH-003T-P0.2
Housing SHR-03V-S
Wire AWG #32 - #28
A (2:1)
JST header SM03B-SRSS-TB
Recommended
Installation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com