Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6F-CABLE2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6F-CABLE2
Description  MEMS Flow Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-CABLE2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6F-CABLE2 Datasheet HTML 1Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 2Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 3Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 4Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Characteristics
Bidirectional Dust Segregation System
The D6F-P series has a patented dust segregation design. The flow path incorporates dual centrifugal
chambers, in which particulate matter follows in the outer path, away from the MEMS sensor chip
regardless of the flow direction. Note, standard products are calibrated for unidirectional flow, as shown
above. Contact Omron for bidirectional calibration options.
sensing element
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
Differential Pressure (inH2O)
Differential
Pressure
Flow Rate
Output
(inH2O)
(SLM)
(V)
0.00
0.00
0.50
0.07
0.25
1.60
0.24
0.50
2.10
0.51
0.75
2.31
0.84
1.00
2.50
2
MEMS Mass Flow Sensor
D6F-P
Mass flow converted into volumetric flow rate
SLM (standard liters per minute) at 0
°C, 1 atm.
Note, 0 to 0.5V output indicates a negative flow
direction.
Repeatability, typical test results
-
0.5
1.0
1.5
2.0
2.5
3.0
0.00
0.25
0.50
0.75
1.00
FLOW RATE [LPM ]
(output results of 34 samples)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.3
0.5
0.8
1.0
Flow Rate [LPM] (5 samples, repeated 10 times each)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com