Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC309MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8 - 53
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC309MS8
v03.0304
Outline Drawing
Absolute Maximum Ratings
GaAs MMIC 2.4 GHz FRONT-END
LNA / SWITCH
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Drain Bias Voltage (Vdd)
+8.0 Vdc
Control Voltage Range (CTL)
-0.2V to Vdd
Input Power @ ANT
(LNA “ON”, Vdd = +3.0 Vdc)
+10 dBm
Input Power @ Tx
(Switch “ON”, Vdd = +3.0 Vdc)
+34 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 0.6 mW/°C above 85 °C)
0.039 W
Thermal Resistance
(channel to lead)
1666 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com