Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC309MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC309MS8
v03.0304
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
S21
S11
S22
FREQUENCY (GHz)
Tx to ANT
ANT
Tx
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
2.2
2.3
2.4
2.5
2.6
+85 C
+25 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
Rx Isolation - Switched Path Mode
Switched Path Isolation - LNA Mode
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
Tx/Rx Isolation
Switch Path Input
Return Loss @ Tx vs. Temperature
Switch Path Output
Return Loss @ ANT vs. Temperature
Switch Path Broadband
Insertion Loss & Return Loss
Switch Path Insertion
Loss vs. Temperature, Tx to ANT
IP3 vs. Temperature
GaAs MMIC 2.4 GHz FRONT-END
LNA / SWITCH
Frequency = 2.4 GHz
Temperature
LNA (Rx) Path
Switched Path
-40 °C
8.3
41.4
+25 °C
8.2
39.6
+85 °C
7.8
44.2
All levels in dBm
LNA path Output IP3 referenced to Rx port
Switched path Input IP3 referenced to Tx port



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com