Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC309MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC309MS8
GaAs MMIC 2.4 GHz FRONT-END
LNA / SWITCH
v03.0304
General Description
Features
Functional Diagram
The HMC309MS8 is a versatile integrated low noise
amplifier (LNA) and transmit/receive switch front-
end for 2.3 to 2.5 GHz spread spectrum applica-
tions. The LNA offers 8 dB gain and 2.5 dB noise
figure while the transmit switch path has 0.5 dB
insertion loss and better than +30 dBm linear power
handling. Using a single control line, the LNA is
powered down when the switch Tx port is selected
minimizing Idd current consumption to 5 mA in the
Rx mode and 200 uA in the Tx mode at Vdd = +3V
bias. The HMC309MS8 may be directly interfaced
with popular 2.4 GHz transceiver chips. At a height
of 0.040” (1.0mm), the MSOP8 package is ideal for
low profile portable wireless devices.
Gain: 8 dB
Noise Figure: 2.5 dB
Integrated LNA & Switch
Integrated Power Control:
+3V Operation
Ultra Small Package: MSOP8
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
LNA & Transmit/Receive Switch
Front-End for 2.4 GHz Applications:
• 802.11 WLAN
• BLUETOOTH
• HomeRF
• ISM Radios
* The LNA P1dB & IP3 are referenced to the Rx pin output while the switch P1dB & IP3 are referenced to the Tx pin
Parameter
LNA (Rx) Path
Swtiched Path
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
2.3 - 2.5
2.3 - 2.5
GHz
Gain
5
8
10
-0.6
-0.4
dB
Gain Variation over Temperature
0.012
0.02
dB/°C
Noise Figure
2.5
3.8
0.45
dB
Input Return Loss
5
14
25
dB
Output Return Loss
13
16
20
dB
Output Power for 1 dB Compression (P1dB)*
2
6
30
33
dBm
Output or Input Third Order Intercept (IP3)*
5
8
27
40
dBm
Supply Current (Idd)
5
10
0.2
0.4
mA


Similar Part No. - HMC309MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
More results

Similar Description - HMC309MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SKY65336-11 SKYWORKS-SKY65336-11 Datasheet
251Kb / 12P
2.4 GHz Transmit/Receive Front-End Module with Integrated LNA
logo
Microsemi Corporation
LX5552 MICROSEMI-LX5552 Datasheet
98Kb / 3P
2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier, LNA & SPDT Switch
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com