Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
49
February 1, 2010
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers. Note that where more than one package type exists the table will reflect the situation
for the larger package type.
· HT66F20 Register
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
MP0
- xxx xxxx
- xxx xxxx
- xxx xxxx
- uuu uuuu
MP1
- xxx xxxx
- xxx xxxx
- xxx xxxx
- uuu uuuu
BP
- - - - - - - 0
- - - - - - - 0
- - - - - - - 0
- - - - - - - u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-- xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
TBHP
- - - - - - xx
- - - - - - uu
- - - - - - uu
- - - - - - uu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
SMOD
0000 0011
0000 0011
0000 0011
uuuu uuuu
LVDC
-- 00 - 000
-- 00 - 000
-- 00 - 000
-- uu - uuu
INTEG
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
WDTC
0111 1010
0111 1010
0111 1010
uuuu uuuu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI0
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFI1
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFI2
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBPU
-- 00 0000
-- 00 0000
-- 00 0000
-- uu uuuu
PB
-- 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBC
-- 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PCPU
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
PC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PCC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
ADRL (ADREF=0)
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRL (ADREF=1)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADREF=0)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com