Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
86
February 1, 2010
¨ HT66F50/HT66F60
Bit
76543210
Name
¾¾
T3CP1
T3CP0
¾¾
T2CP1
T2CP0
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
01
¾¾
01
Bit 7~6
Unimplemented, read as
²0²
Bit 5
T3CP1: TP3_1 pin Control
0: disable
1: enable
Bit 4
T3CP0: TP3_0 pin Control
0: disable
1: enable
Bit 3~2
Unimplemented, read as
²0²
Bit 1
T2CP1: TP2_1 pin Control
0: disable
1: enable
Bit 0
T2CP0: TP2_0 pin Control
0: disable
1: enable
Programming Considerations
The TM Counter Registers and the Capture/Compare CCRA and CCRB registers, being either 10-bit or 16-bit, all have
a low and high byte structure. The high bytes can be directly accessed, but as the low bytes can only be accessed via
an internal 8-bit buffer, reading or writing to these register pairs must be carried out in a specific way. The important
point to note is that data transfer to and from the 8-bit buffer and its related low byte only takes place when a write or
read operation to its corresponding high byte is executed.
The following steps show the read and write procedures:
· Writing Data to CCRB or CCRA
¨ Step 1. Write data to Low Byte TMxAL or TMxBL
- note that here data is only written to the 8-bit buffer.
¨ Step 2. Write data to High Byte TMxAH or TMxBH
- here data is written directly to the high byte registers and simultaneously data is latched from the 8-bit buffer
to the Low Byte registers.
· Reading Data from the Counter Registers and CCRB or CCRA
¨ Step 1. Read data from the High Byte TMxDH, TMxAH or TMxBH
- here data is read directly from the High Byte registers and simultaneously data is latched from the Low Byte
register into the 8-bit buffer.
¨ Step 2. Read data from the Low Byte TMxDL, TMxAL or TMxBL
- this step reads data from the 8-bit buffer.
Data
Bus
8-bit
Buffer
TMxDH
TMxDL
TMxBH
TMxBL
TMxAH
TMxAL
TM Counter Register (Read only)
TM CCRA Register (Read/Write)
TM CCRB Register (Read/Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com