Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
35
February 1, 2010
The actual source clock used for each of the high speed
and low speed oscillators is chosen via configuration
options. The frequency of the slow speed or high speed
system clock is also determined using the HLCLK bit
and CKS2 ~ CKS0 bits in the SMOD register. Note that
two oscillator selections must be made namely one high
speed and one low speed system oscillators. It is not
possible to choose a no-oscillator selection for either the
high or low speed oscillator.
External Crystal/ Ceramic Oscillator
- HXT
The External Crystal/ Ceramic System Oscillator is one
of the high frequency oscillator choices, which is se-
lected via configuration option. For most crystal oscilla-
tor configurations, the simple connection of a crystal
across OSC1 and OSC2 will create the necessary
phase shift and feedback for oscillation, without requir-
ing external capacitors. However, for some crystal types
and frequencies, to ensure oscillation, it may be neces-
sary to add two small value capacitors, C1 and C2.
Using a ceramic resonator will usually require two small
value capacitors, C1 and C2, to be connected as shown
for oscillation to occur. The values of C1 and C2 should
be selected in consultation with the crystal or resonator
manufacturer
¢s specification.
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
12MHz
0pF
0pF
8MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note:
C1 and C2 values are for guidance only.
Crystal Recommended Capacitor Values
External RC Oscillator
- ERC
Using the ERC oscillator only requires that a resistor,
with a value between 56k
W and 2.4MW, is connected
between OSC1 and VDD, and a capacitor is connected
between OSC1 and ground, providing a low cost oscilla-
tor configuration. It is only the external resistor that de-
termines the oscillation frequency; the external
capacitor has no influence over the frequency and is
connected for stability purposes only. Device trimming
during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to en-
sure that the influence of the power supply voltage, tem-
perature and process variations on the oscillation
frequency are minimised. As a resistance/frequency ref-
erence point, it can be noted that with an external 120k
W
resistor connected and with a 5V voltage power supply
and temperature of 25
°C degrees, the oscillator will
have a frequency of 8MHz within a tolerance of 2%.
Here only the OSC1 pin is used, which is shared with I/O
pin PB1, leaving pin PB2 free for use as a normal I/O
pin.
Internal RC Oscillator
- HIRC
The internal RC oscillator is a fully integrated system os-
cillator requiring no external components. The internal
RC oscillator has three fixed frequencies of either
4MHz, 8MHz or 12MHz. Device trimming during the
manufacturing process and the inclusion of internal fre-
quency compensation circuits are used to ensure that
the influence of the power supply voltage, temperature
and process variations on the oscillation frequency are
minimised. As a result, at a power supply of either 3V or
5V and at a temperature of 25
°C degrees, the fixed os-
cillation frequency of 4MHz, 8MHz or 12MHz will have a
tolerance within 2%. Note that if this internal system
clock option is selected, as it requires no external pins
for its operation, I/O pins PB1 and PB2 are free for use
as normal I/O pins.
External 32.768kHz Crystal Oscillator
- LXT
The External 32.768kHz Crystal System Oscillator is
one of the low frequency oscillator choices, which is se-
lected via configuration option. This clock source has a
fixed frequency of 32.768kHz and requires a 32.768kHz
crystal to be connected between pins XT1 and XT2. The
external resistor and capacitor components connected
to the 32.768kHz crystal are necessary to provide oscil-
lation. For applications where precise frequencies are
essential, these components may be required to provide
frequency compensation due to different crystal manu-
facturing tolerances. During power-up there is a time
delay associated with the LXT oscillator waiting for it to
start-up.
O S C 1
4 7 0 p F
V D D
R O S C
External RC Oscillator
- ERC
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d . C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/Resonator Oscillator
- HXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com