Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT68F20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
Rev. 1.10
1
February 1, 2010
General Description
The HT68FXX series of devices are Flash Memory I/O
type 8-bit high performance RISC architecture
microcontrollers. Offering users the convenience of Flash
Memory multi-programming features, these devices also
include a wide range of functions and features. Other
memory includes an area of RAM Data Memory as well as
an area of EEPROM memory for storage of non-volatile
data such as serial numbers, calibration data etc.
Multiple and extremely flexible Timer Modules provide
timing, pulse generation and PWM generation func-
tions. Analog features include dual comparator func-
tions. Communication with the outside world is catered
for by including fully integrated SPI or I
2C interface func-
tions, two popular interfaces which provide designers
with a means of easy communication with external pe-
ripheral hardware. Protective features such as an inter-
nal Watchdog Timer, Low Voltage Reset and Low
Voltage Detector coupled with excellent noise immunity
and ESD protection ensure that reliable operation is
maintained in hostile electrical environments.
A full choice of HXT, LXT, ERC, HIRC and LIRC oscilla-
tor functions are provided including a fully integrated
system oscillator which requires no external compo-
nents for its implementation. The ability to operate and
switch dynamically between a range of operating
modes using different clock sources gives users the
ability to optimise microcontroller operation and mini-
mise power consumption.
The UART module is contained in the HT68FUx0 series of
devices. It can support the applications such as data com-
munication networks between microcontrollers, low-cost
data links between PCs and peripheral devices, portable
and battery operated device communication, etc.
The inclusion of flexible I/O programming features,
Time-Base functions along with many other features en-
sure that the devices will find excellent use in applica-
tions such as electronic metering, environmental
monitoring, handheld instruments, household appli-
ances, electronically controlled tools, motor driving in
addition to many others.
Features
CPU Features
· Operating Voltage:
f
SYS= 8MHz: 2.2V~5.5V
f
SYS= 12MHz: 2.7V~5.5V
f
SYS= 20MHz: 4.5V~5.5V
· Up to 0.2ms instruction cycle with 20MHz system
clock at V
DD=5V
· Power down and wake-up functions to reduce power
consumption
· Five oscillators:
External Crystal -- HXT
External 32.768kHz Crystal -- LXT
External RC -- ERC
Internal RC -- HIRC
Internal 32kHz RC -- LIRC
· Multi-mode operation: NORMAL, SLOW, IDLE and
SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 12-level subroutine nesting
· Bit manipulation instruction
Peripheral Features
· Flash Program Memory: 1K´14 ~ 12K´16
· RAM Data Memory: 64´8 ~ 576´8
· EEPROM Memory: 32´8~256´8
· Watchdog Timer function
· Up to 50 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD driver with
1/2 bias
· Multiple pin-shared external interrupts
· Multiple Timer Module for time measure, input
capture, compare match output, PWM output or
single pulse output function
· Serial Interfaces Module - SIM for SPI or I2C
· Dual Comparator functions
· Dual Time-Base functions for generation of fixed time
interrupt signals
· Low voltage reset function
· Low voltage detect function
· Optional peripheral -- UART module for fully duplex
asynchronous communication
· Wide range of available package types
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT68F20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
More results

Similar Description - HT68F20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com