Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
35
February 1, 2010
When the microcontroller enters the SLEEP or IDLE
Mode, the system clock is switched off to stop
microcontroller activity and to conserve power. How-
ever, in many microcontroller applications it may be nec-
essary to keep the internal timers operational even
when the microcontroller is in the SLEEP or IDLE Mode.
To do this, another clock, independent of the system
clock, must be provided.
However, for some crystals, to ensure oscillation and
accurate frequency generation, it is necessary to add
two small value external capacitors, C1 and C2. The ex-
act values of C1 and C2 should be selected in consulta-
tion with the crystal or resonator manufacturer
¢s
specification. The external parallel feedback resistor,
Rp, is required.
Some configuration options determine if the XT1/XT2
pins are used for the LXT oscillator or as I/O pins.
· If the LXT oscillator is not used for any clock source,
the XT1/XT2 pins can be used as normal I/O pins.
· If the LXT oscillator is used for any clock source, the
32.768kHz crystal should be connected to the
XT1/XT2 pins.
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
32.768kHz
10pF
10pF
Note:
1. C1 and C2 values are for guidance only.
2. RP=5M~10M
W is recommended.
32.768kHz Crystal Recommended Capacitor Values
LXT Oscillator Low Power Function
The LXT oscillator can function in one of two modes, the
Quick Start Mode and the Low Power Mode. The mode
selection is executed using the LXTLP bit in the TBC
register.
LXTLP Bit
LXT Mode
0
Quick Start
1
Low-power
After power on the LXTLP bit will be automatically
cleared to zero ensuring that the LXT oscillator is in the
Quick Start operating mode. In the Quick Start Mode the
LXT oscillator will power up and stabilise quickly. How-
ever, after the LXT oscillator has fully powered up it can
be placed into the Low-power mode by setting the
LXTLP bit high. The oscillator will continue to run but
with reduced current consumption, as the higher current
consumption is only required during the LXT oscillator
start-up. In power sensitive applications, such as battery
applications, where power consumption must be kept to
a minimum, it is therefore recommended that the appli-
cation program sets the LXTLP bit high about 2 seconds
after power-on.
It should be noted that, no matter what condition the
LXTLP bit is set to, the LXT oscillator will always func-
tion normally, the only difference is that it will take more
time to start up if in the Low-power mode.
Internal 32kHz Oscillator
- LIRC
The Internal 32kHz System Oscillator is one of the low
frequency oscillator choices, which is selected via con-
figuration option. It is a fully integrated RC oscillator with
a typical frequency of 32kHz at 5V, requiring no external
components for its implementation. Device trimming
during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to en-
sure that the influence of the power supply voltage, tem-
perature and process variations on the oscillation
frequency are minimised. As a result, at a power supply
of 5V and at a temperature of 25
°C degrees, the fixed
oscillation frequency of 32kHz will have a tolerance
within 10%.
Supplementary Oscillators
The low speed oscillators, in addition to providing a sys-
tem clock source are also used to provide a clock
source to two other device functions. These are the
Watchdog Timer and the Time Base Interrupts.
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p , C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n p i n s h a v e a
p a r a s i t i c c a p a c i t a n c e o f a r o u n d 7 p F .
I n t e r n a l R C
O s c i l l a t o r
3 2 . 7 6 8
k H z
X T 1
X T 2
External LXT Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com