Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 232 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fLIRC
System Clock (LIRC)
5V
Ta=25
°C
-10%
32
+10%
kHz
fTIMER
Timer Input Pin Frequency
¾¾
¾
¾
1
fSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
120
240
480
ms
tLVD
Low Voltage Width to Interrupt
¾¾
20
45
90
ms
tLVDS
LVDO stable time
¾¾
15
¾¾
ms
tBGS
VBG Turn on Stable Time
¾¾
200
¾¾
ms
tEERD
EEPROM Read Time
¾¾
¾
45
90
ms
tEEWR
EEPROM Write Time
¾¾
¾
24
ms
tSST
System Start-up Timer Period
(Wake-up from HALT)
¾
fSYS=HXT or LXT
¾
1024
¾
tSYS
fSYS=ERC or HIRC
¾
15~16
¾
fSYS=LIRC OSC
¾
1~2
¾
Note:
1. tSYS=1/fSYS
2. * For fERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
3. To maintain the accuracy of the internal HIRC oscillator frequency, a 0.1
mF decoupling capacitor should be
connected between VDD and VSS and located as close to the device as possible.
Comparator Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCMP
Comparator Operating Voltage
¾¾
2.2
¾
5.5
V
ICMP
Comparator Operating Current
3V
¾¾
37
56
mA
5V
¾¾
130
200
mA
VCMPOS
Comparator Input Offset Voltage
¾¾
-10
¾
10
mV
VHYS
Hysteresis Width
¾¾
20
40
60
mV
VCM
Comparator Common Mode
Voltage Range
¾¾
VSS
¾
VDD
-1.4V
V
AOL
Comparator Open Loop Gain
¾¾
60
80
¾
dB
tPD
Comparator Response Time
¾
With 100mV
overdrive (Note)
¾
370
560
ns
Note:
Measured with comparator one input pin at VCM =(VDD
-1.4)/2 while the other pin input transition from VSS to
(VCM +100mV) or from VDD to (VCM -100mV).
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
16
February 1, 2010
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com