Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTA2003 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTA2003
Description  AM/FM RADIO IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA2003 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTA2003 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTCTA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-011,A
EXPLANATION OF TERMINAL
TERMINAL VOLTAGE : Typical DC voltage at Ta=25
°C, Vcc=3V and no signal with Test Circuit
NO
SYMBOL
CONTENTS
INTERNAL
CIRCUIT
TERMINAL VOLTAGE
AM
FM
1
FM AF IN
Input of FM RF Amplifier
15
1
2
GND
FM RF OUT
0
0.7
2
GND1
GND for RF, DSC and MIX Stage
-
0
0
3
FM MIX
Output of FM MIX
3
14
2
GND1
AM / FM
SW
0.4
1.7
4
AM MIX
Output of AM MIX
15
1
2
GND
FM RF OUT
0.6
0
5
AGC
By pass of AM AGC
15
1
2
GND
FM RF OUT
0
0
6
Vcc
-
-
3.0
3.0
7
AM IF IN
Input of AM IF Amplifier
15
1
2
GND
FM RF OUT
3.0
3.0
8
FM IF IN
Input of FM IF Amplifier
15
1
2
GND
FM RF OUT
3.0
3.0
9
GND2
GND for IF stage
-
0
0
10
QUAD
FM QUAD Detector
Ceramic Discriminator is
connected.
Recommendation
CDA 10.7MG31 (MURATA
MFG. CO., LTD)
15
1
2
GND
FM RF OUT
2.5
2.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com