Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTA2003 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTA2003
Description  AM/FM RADIO IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA2003 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTA2003 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTCTA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R110-011,A
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
Vcc
8
V
Power Dissipation
DIP-16
PD(Note)
750
mW
SOP-16
350
Operating Temperature
Topr
-25~75
°C
Storage Temperature
Tstg
-55~150
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified,Ta=25
°C,VCC=3V, FE
: f = 98MHz, fm = 1KHz
FM IF
: f = 10.7MHz, fm = 1KHz
AM
: f = 1MHz, MOD = 30%, fm = 1 KHz
PARAMETER
SYMBOL
TEST
CIRC-
UIT
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Current
Icc (FM)
1
FM Mode, Vin=0
-
10.5
16.5
mA
Icc (AM)
1
AM Mode, Vin=0
-
5.0
8.0
Input Limiting Voltage
Vin(lim)
1
-3dB limiting point
-
12
-
dB V EMF
F/E
Qulescent Sensitivlty
Qs
1
S/N=30dB
-
12
-
dB V EMF
Local OSC Voltage
Vosc
2
fosc=108MHz
160
240
320
mVrms
Local OSC Stop Voltage
Vstop(FM)
2
Vin=0
-
1.2
-
V
Input Limiting Voltage
Vin(lim) IF
1
-3dB limiting point
42
47
52
dB V EMF
FM
Aecovered Output Voltage
VOD
1
Vin=80dB V EMF
50
70
90
mVrms
IF
Signal To Noise Ratio
S/N
1
Vin=80dB V EMF
-
62
-
dB
Total Harmonic Distortion
THD
1
Vin=80dB V EMF
-
0.4
-
%
AM Rejection Ratio
AMR
1
Vin=80dB V EMF
-
33
-
dB
Voltage Gain
Gv
1
Vin=27dB V EMF
15
32
50
mVrms
AM
Recovered Output Voltage
VOD
1
Vin=60dB V EMF
35
60
85
mVrms
Signal To Noise Ratio
S/N
1
Vin=60dB V EMF
-
43
-
dB
Total Harmonic Distortion
THD
1
Vin=60dB V EMF
-
1.0
-
%
Local DSC Stop Voltage
Vstop (AM)
1
Vin=0
-
1.6
-
V
COIL DATA (Test circuit)
COIL NO.
TEST
FREQ
L
Co
Qo
TURNS
WIRE
(Hz)
(mH)
(pF)
1-2
2-3
1-3
1-4
4-6
L1 FM RF
100M
-
-
100
-
-
-
2.25
-
0.5 UEW
L2 FM
OSC
100M
-
-
100
-
-
1.75
-
-
0.5 UEW
L3 AM
OSC
796K
26B
-
125
14
86
-
-
-
0.06 UEW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com