Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTA2003 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTA2003
Description  AM/FM RADIO IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA2003 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTA2003 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UTCTA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-011,A
AM/FM RADIO IC
DESCRIPTION
The UTC TA2003 is AM/FM Radio IC ( FM F/E +
AM/FM IF ) which is designed for AM/FM Radios.
FEATURES
* FM IFT,AM IFT and FM Detector Coil aren’ t needed.
* Operating Supply Voltage Range
* VCC( opr ) = 1.8 ~ 7V ( Ta=25
°C).
DIP-16
SOP-16
BLOCK DIAGRAM
15
14
13
12
11
10
9
16
2
3
4
5
6
7
8
1
FM/AM
SW
FM
OSC
AM
OSC
FM
DET
AM
RF
FM
RF
AM
IF
FM
IF
FM
MIX
AM
MIX
AGC
AM
DET
AM
RF
IN
FM
RF
OUT
AM/
FM
SW
FM
OSC
AM
OSC
DET
OUT
QUAD
GND2
GND1
FM
RF IN
FM
MIX
AM
MIX
AGC
Vcc
AM
IF IN
FM
IF IN
BPF
Vcc
AM
FM


Similar Part No. - UTCTA2003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
0.6W AUDIO POWER AMPLIFIER
UTCTA7613AP UTC-UTCTA7613AP Datasheet
42Kb / 4P
I-CHIP AM/FM RADIO IC
More results

Similar Description - UTCTA2003

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
AM/FM RADIO IC
logo
Unisonic Technologies
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCTA7613AP UTC-UTCTA7613AP Datasheet
42Kb / 4P
I-CHIP AM/FM RADIO IC
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
AM/FM Radio IC
logo
Sony Corporation
CXA1111AN SONY-CXA1111AN Datasheet
301Kb / 15P
IC FM/AM RADIO CXA1111AN
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
AM / FM Radio IC
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
CD1691CB ETC2-CD1691CB Datasheet
198Kb / 6P
Monolithic FM AM Radio-IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com