Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR350F Datasheet(PDF) 1 Page - RFE international

Part # FSR350F
Description  STRAP TYPE PPTC FSR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSR350F Datasheet(HTML) 1 Page - RFE international

  FSR350F Datasheet HTML 1Page - RFE international FSR350F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
STRAP TYPE PPTC
FSR Series
FEATURES
ELECTRICAL CHARACTERISTICS (23°C)
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead materials: 0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape.
AGENCY RECOGNITION
FSR PRODUCT DIMENSIONS (MILLIMETERS)
Low profile, Solid state
Application: Rechargeable battery packs,
Lithium cell and battery packs
Operation Current: 1.2A ~ 4.2A
Maximum Voltage: 15V&30V
Temperature Range: -40°C to 85°C
•
•
•
•
•
UL (E211981)
TÜV (R3-50004084)
•
•
C5EC01
REV 2007.03.1
RMIN
RMAX
R1MAX
IH, A
IT, A
at 5xIH, sec
IMAX, A
VMAX, Vdc
Pd, W
OHMS
OHMS
OHMS
FSR120F
1
1.2
2.7
5.0
100
15
1.2
0.850
0.160
0.220
FSR175F
1
1.75
3.8
5.0
100
15
1.5
0.050
0.090
0.120
FSR200F
1
2.0
4.4
4.0
100
30
1.9
0.030
0.060
0.100
FSR350F
1
3.5
6.3
3.0
100
30
2.5
0.017
0.031
0.050
FSR420F
1
4.2
7.6
6.0
100
30
2.9
0.012
0.024
0.040
Fig
Maximum
time to trip
Resistance Tolerance
Rated
Voltage
Typical
Power
Part
Number
Hold
Current
Trip
Current
Maximum
Current
Part
Number
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FSR120F
1
19.9
22.1
4.9
5.2
0.6
1.0
5.5
7.5
3.9
4.1
FSR175F
1
20.9
23.1
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
FSR200F
1
21.3
23.4
10.2
11.0
0.5
1.1
5.0
7.6
4.8
5.4
FSR350F
1
28.4
31.8
13.0
13.5
0.5
1.1
6.3
8.9
6.0
6.6
FSR420F
1
30.6
32.4
12.9
13.6
0.5
1.1
5.0
7.5
6.0
6.7
F
Fig
A
B
C
D
RoHS
ü


Similar Part No. - FSR350F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSR350F FUZETEC-FSR350F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
logo
RFE international
FSR350F RFE-FSR350F Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FSR350F

ManufacturerPart #DatasheetDescription
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
STRAP TYPE PPTC FLR Series
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
STRAP TYPE PPTC FLT Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
Strap Type KSH Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
Strap Type KSV Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
CHO-STRAP INSULATED GROUND STRAP
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com