Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFS3 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVM-SFS3
Description  FLEXSTRIP LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFS3 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVM-SFS3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
■ DESCRIPTION
-
Flexstrip light is made of white side view SMD LEDs
mounted on flexible printed circuit (FPC).
-
The product is driven under constant current, which
will ensure a longer life.
■ FEATURES
- Number of SMD LEDs : 288 pcs of side view SMD LEDs
- Product size (LxWXH) : 2996.2mm x 5.5mm x 2.0mm
- Easy installation with the back adhesive-tape
- Products are packed into reel and can be cut at mark place into shorter units
- Shortest unit is 62.4mm with 6 LEDs; 48 shortest units per reel.
- Drive: 24VDC/18.5 mA
- Low power consumption and high optical intensity
- Lead (Pb) free, and RoHS compliant
■ APPLICATIONS
- Amusement park & theater mood lighting
- Architectural decorative lighting
- Backlighting for signage letters
- Auditorium walkway lighting
- Stairway accent lighting
- Hallway lighting
Bright View Electronics
FLEXSTRIP LIGHT
BVM-SFS3 SERIES
Date:2008/06/05
Page :1 of 6
Version-B


Similar Part No. - BVM-SFS3

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SFS6C01 BVLED-BVM-SFS6C01 Datasheet
100Kb / 6P
FLEXSTRIP LIGHT
BVM-SFS6C01W3S BVLED-BVM-SFS6C01W3S Datasheet
100Kb / 6P
FLEXSTRIP LIGHT
BVM-SFS6W3S BVLED-BVM-SFS6W3S Datasheet
100Kb / 6P
FLEXSTRIP LIGHT
More results

Similar Description - BVM-SFS3

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SF5C01 BVLED-BVM-SF5C01 Datasheet
135Kb / 5P
FLEXSTRIP LIGHT
BVM-SFPC3 BVLED-BVM-SFPC3 Datasheet
146Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC3LN BVLED-BVM-SFPC3LN Datasheet
140Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5LN BVLED-BVM-SFPC5LN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5 BVLED-BVM-SFPC5 Datasheet
149Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5C01 BVLED-BVM-SFPC5C01 Datasheet
165Kb / 7P
FLEXSTRIP LIGHT
BVM-SFRGB2S-T BVLED-BVM-SFRGB2S-T Datasheet
176Kb / 5P
RGB FLEXSTRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
RGB FLEXSTRIP LIGHT
BVM-SFS6C01 BVLED-BVM-SFS6C01 Datasheet
100Kb / 6P
FLEXSTRIP LIGHT
BVM-SWFPC5 BVLED-BVM-SWFPC5 Datasheet
198Kb / 7P
WATERPROOF FLEXSTRIP LIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com