Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFS3 Datasheet(PDF) 5 Page - Bright View Electronic Co., LTD.

Part # BVM-SFS3
Description  FLEXSTRIP LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFS3 Datasheet(HTML) 5 Page - Bright View Electronic Co., LTD.

  BVM-SFS3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ PACKING
BVM-SFS3 SERIES
FLEXSTRIP LIGHT
Bright View Electronics
CARTON
Dim ension(cm): 39 x 24 x 26
ITEM NO.
DEVICE:
Q'TY
PCS.
N. W .:
KGS.
G . W .:
KGS.
E LECTRO STATIC S ENSITIVE DEVICES
DO NO T O PE N OR HANDLE EX CE PT
AT A STATIC-FRE E WO RKSTATIO N
Carton : 20 Reels
RE
Y
Anti-electrostatic bag
EL EC T R O ST AT IC S EN SIT IVE DEVICES
DO NO T O PE N O R HAND LE EXCEPT
AT A ST A T IC -F R EE WO R KSTAT ION
Pb-Free / R oHS Compliant
GRADE:
Q 'ty
LOT NO.:
PART NO.:
Bright View
QA
E lectronics Co.,Ltd.
PART NO.:
Q'ty
GR ADE:
LOT NO.:
QA
pc s
22
39
24
Date:2008/06/05
Page :5 of 6
Version-B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com