Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFS3 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-SFS3
Description  FLEXSTRIP LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFS3 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SFS3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFS3 Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
Unit
V
V
W
W
Operating Temperature Range
Storage Temperature Range
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 24VDC Ta = 25 ℃
* White products are provided with different color temperature bins. (see following paragraph)
Note 1. Luminous flux measurement tolerance : +/- 10%
2. View angle of the LED is the off-axis angle from the optical center line to the
1/2 luminous intensity of the peak value.
■ BIN GRADE LIMITS CHROMATICITY COORDINATES
x
0.263 0.260 0.269 0.272 0.263
x
0.291
0.288
0.296
0.298
0.291
y
0.244 0.248 0.261 0.258 0.244
y
0.258
0.262
0.276
0.271
0.258
x
0.272 0.263 0.272 0.280 0.272
x
0.291
0.289
0.297
0.299
0.291
y
0.234 0.244 0.258 0.248 0.234
y
0.287
0.292
0.306
0.301
0.287
x
0.276 0.272 0.280 0.283 0.276
x
0.296
0.291
0.299
0.304
0.296
y
0.231 0.234 0.248 0.244 0.231
y
0.276
0.287
0.301
0.290
0.276
x
0.269 0.279 0.282 0.272 0.269
x
0.298
0.296
0.304
0.306
0.298
y
0.261 0.276 0.272 0.258 0.261
y
0.271
0.276
0.290
0.285
0.271
x
0.280 0.272 0.282 0.288 0.280
x
0.299
0.297
0.305
0.307
0.299
y
0.248 0.258 0.272 0.262 0.248
y
0.301
0.306
0.320
0.315
0.301
x
0.283 0.280 0.288 0.291 0.283
x
0.304
0.299
0.307
0.312
0.304
y
0.244 0.248 0.262 0.258 0.244
y
0.290
0.301
0.315
0.304
0.290
x
0.282 0.279 0.289 0.291 0.282
x
0.306
0.304
0.312
0.314
0.306
y
0.272 0.276 0.292 0.287 0.272
y
0.285
0.290
0.304
0.299
0.285
x
0.288 0.282 0.291 0.296 0.288
y
0.262 0.272 0.287 0.276 0.262
Current
per strip (A)
0.89
View Angle
(degree)
110
Lum. Flux
per strip (lx)
3567
Lum.Flux
per Unit (lx)
74
Lum. Flux
per strip (lm)
1070
Lum. Flux
per Unit (lm)
22.2
Part No.
Color
BVM-
SFS3W3S
White
-30 ~ +50
Power Dissipation / Unit
-30 ~ +85
PARAMETER
Electrostatic Discharge (Contact Mode)
Maximum Operating Voltage
±2000
25
Maximum Ratings
Power Dissipation / 48Units / Reel
24
BVM-SFS3 SERIES
Bright View Electronics
FLEXSTRIP LIGHT
0.5
E2
E3
Chromaticity Coordinates
Bin Code
Bin Code
Chromaticity Coordinates
D1
D2
D3
E1
A1
A2
A3
B1
B2
B3
C1
C2
C3
Date:2008/06/05
Page :3 of 6
Version-B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com