Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2CS1 Datasheet(PDF) 8 Page - Vicor Corporation

Part # FARM2CS1
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2CS1 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button FARM2CS1 Datasheet HTML 4Page - Vicor Corporation FARM2CS1 Datasheet HTML 5Page - Vicor Corporation FARM2CS1 Datasheet HTML 6Page - Vicor Corporation FARM2CS1 Datasheet HTML 7Page - Vicor Corporation FARM2CS1 Datasheet HTML 8Page - Vicor Corporation FARM2CS1 Datasheet HTML 9Page - Vicor Corporation FARM2CS1 Datasheet HTML 10Page - Vicor Corporation FARM2CS1 Datasheet HTML 11Page - Vicor Corporation FARM2CS1 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 8 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
*
Operating Power (W)
0
5
10
15
20
25
30
35
40
2200µF
1600µF
1300µF
1000
750
500
250
1100µF
820µF
680µF
*
*
(FARM2XXX)
(FARM1XXX)
Figure 14—Hold-up time vs. operating power and total bus
capacitance, series combination of C1, C2 (see Fig. 9)
Operating Power (W)
0
5
10
15
20
25
30
2200µF
1600µF
1300µF
1000
750
500
250
*
1100µF
820µF
680µF
*
*
(FARM1XXX)
(FARM2XXX)
Figure 16—Ripple voltage vs. operating power and bus
capacitance, series combination of C1, C2 (see Fig. 9)
Operating Power (W)
0
10
20
30
40
50
60
70
80
90
100
90Vac
115Vac
1000
750
500
250
Total
capacitance
820µF
Figure 15—Ride-through time vs. operating power
Figure 13—Hold-up time
π – θθ
205V
185V
Power
Fail
Power Fail
Warning
B OK
Converter
Shutdown
Hold-up Time
254V
Ride-Thru Time
Ripple (V p-p)
The power fail warning time (
∆t) is defined as the interval
between B OK and converter shutdown (EN) as illustrated
in Fig. 13. The Bus-OK and Enable thresholds are 205V and
185V, respectively. A simplified relationship between
hold-up time, operating power, and bus capacitance is
obtained by inserting these constants:
C = 2P
∆t / (205
2 – 1852)
C = 2P
∆t / (7,800)
It should be noted that the series combination (C1, C2,
see Fig. 9) requires each capacitor to be twice the calculated
value, but the required voltage rating of each capacitor is
reduced to 200V.
Allowable ripple voltage on the bus (or ripple current in the
capacitors) may define the capacitance requirement.
Consideration should be given to converter ripple rejection
and resulting output ripple voltage. The ripple rejection (R)
of Vicor converters is specified as a function of the
input/output voltage ratio:
R = 30 + 20log(Vin / Vout)
(4)
For example, a converter whose output is 15V and nominal
input is 300V will provide 56dB ripple rejection, i.e., 10V p-p
of input ripple will produce 15mV p-p of output ripple
(see Fig. 17). Equation 3 is again used to determine the
required capacitance. In this case, V1 and V2 are the
instantaneous values of bus voltage at the peaks and valleys
(see Fig. 13) of the ripple, respectively. The capacitors must
hold up the bus voltage for the time interval (
∆t) between
peaks of the rectified line as given by:
∆t = (π – θ) / 2πf
(5)
Where:
f = line frequency
θ = rectifier conduction angle
The approximate conduction angle is given by:
θ = Cos
-1
(V
2/V1)
(6)
Application Note (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com