Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2CS1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # FARM2CS1
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2CS1 Datasheet(HTML) 3 Page - Vicor Corporation

  FARM2CS1 Datasheet HTML 1Page - Vicor Corporation FARM2CS1 Datasheet HTML 2Page - Vicor Corporation FARM2CS1 Datasheet HTML 3Page - Vicor Corporation FARM2CS1 Datasheet HTML 4Page - Vicor Corporation FARM2CS1 Datasheet HTML 5Page - Vicor Corporation FARM2CS1 Datasheet HTML 6Page - Vicor Corporation FARM2CS1 Datasheet HTML 7Page - Vicor Corporation FARM2CS1 Datasheet HTML 8Page - Vicor Corporation FARM2CS1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 3 of 12
Electrical Characteristics (continued)
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
AC Bus OK (B OK)
Low state resistance
15
Ω
To negative output - Bus normal
Low state current
50
mA
Bus normal
High state voltage
14.8
15.0
15.2
Vdc
Bus abnormal, 27K internal pull up to 15Vdc (see Fig.11)
B OK true threshold
235
240
245
Vdc
Output Bus voltage
B OK false threshold
200
205
210
Vdc
Output Bus voltage
Module Enable (EN)
Low state resistance
15
Ω
To negative output - Converters disabled
Low state current
50
mA
High state voltage
14.8
15.0
15.2
Vdc
150K internal pull up to 15Vdc (see Fig. 10)
Enable threshold
235
240
Vdc
Output bus voltage
Disable threshold
185
190
195
Vdc
Output bus voltage
AC Bus OK - Module Enable, differential error*
15
17
20
Vdc
AC Bus OK and Module Enable thresholds track
Parameter
Min
Typ
Max
Unit
Notes
MTBF
>1,000,000
Hours
25˚C, Ground Benign
Baseplate material
Aluminum
Cover
Polyetherimide
Pin Material
Copper, Tin/lead solder dipped
Weight
3.1(88)
Ounces (grams)
Size
2.28 x 2.2 x 0.5
Inches
57,9 x 55,9 x 12,7
(mm)
Storage Temperature
(C, T-Grade)
-40
+125
°C
Operating Temperature (C-Grade)
-20
+100
°C
Baseplate
(T-Grade)
-40
+100
°C
Baseplate
* Tracking error between BUS OK and Enable thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com