Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2CS1 Datasheet(PDF) 5 Page - Vicor Corporation

Part # FARM2CS1
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2CS1 Datasheet(HTML) 5 Page - Vicor Corporation

  FARM2CS1 Datasheet HTML 1Page - Vicor Corporation FARM2CS1 Datasheet HTML 2Page - Vicor Corporation FARM2CS1 Datasheet HTML 3Page - Vicor Corporation FARM2CS1 Datasheet HTML 4Page - Vicor Corporation FARM2CS1 Datasheet HTML 5Page - Vicor Corporation FARM2CS1 Datasheet HTML 6Page - Vicor Corporation FARM2CS1 Datasheet HTML 7Page - Vicor Corporation FARM2CS1 Datasheet HTML 8Page - Vicor Corporation FARM2CS1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 5 of 12
The Filtered, Autoranging Rectifier Module (FARM) provides an
effective solution for the AC front end of a power supply built
with Vicor DC-DC converters. This high performance power
system building block satisfies a broad spectrum of requirements
and agency standards.
In addition to providing transient/surge immunity and EMI
filtering, the FARM contains all of the power switching and
control circuitry necessary for autoranging rectification, inrush
current limiting, and overvoltage protection. This module also
provides converter enable and status functions for orderly power
up/down control or sequencing. To complete the AC front end
configuration, the user only needs to add hold-up capacitors, and
a few discrete components.
Functional Description
Power-Up Sequence. (see Fig. 8):
Upon application of input power, the output bus capacitors
begin to charge. The thermistor limits the charge current,
and the exponential time constant is determined by the
hold-up capacitor value and the thermistor cold resistance.
The slope (dv/dt) of the capacitor voltage versus time
approaches zero as the capacitors become charged to the
peak of the AC line voltage.
The switch that bypasses the inrush limiting PTC (positive
temperature coefficient) thermistor is open when power is
applied, as is the switch that engages the strap for voltage
doubling. (see Fig. 7). In addition, the converter modules
are disabled via the Enable (EN) line, and Bus-OK (BOK)
is high.
If the bus voltage is less than 200V as the slope nears
zero, the voltage doubler is activated, and the bus voltage
climbs exponentially to twice the peak line voltage.
If the bus voltage is greater than 200V, the doubler is
not activated.
If the bus voltage is greater than 235V as the slope
approaches zero, the inrush limiting thermistor is
bypassed. Below 235V, it is not bypassed.
The converters are enabled 50 milliseconds after the
thermistor bypass switch is closed.
Bus-OK is asserted after an additional 50 millisecond
delay to allow the converter outputs to settle within
specification.
Power-Down Sequence. (see Fig. 8) When input power is
turned off or fails, the following sequence occurs as the bus
voltage decays:
Bus-OK is deasserted when the bus voltage falls below
210Vdc.
The converters are disabled when the bus voltage falls
below 190Vdc. If power is reapplied after the converters
are disabled, the entire power-up sequence is repeated. If
a momentary power interruption occurs and power is
reestablished before the bus reaches the disable threshold,
the power-up sequence is not repeated, i.e., the power
conversion system “rides through” the momentary
interruption.
Application Note
Microcontroller
N
L
PTC
Thermistor
+Out
–Out
Strap
EN
BOK
Strap
400
300
200
100
0
90–132V
AC Line
Output
Bus
(Vdc)
Strap
PTC
Thermistor
Bypass
Converter
Enable
Bus OK
50ms
50ms
Power
Up
Power
Down
4.1
1.1
2.1
3.1
5.1
2.2
1.2
Figure 7—Functional block diagram: autoranging rectifier
Figure 8—Timing diagram: power up/down sequence
1.1
2.1
3.1
4.1
5.1
1.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com