Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS212400 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS212400
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS212400 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSS212400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
129
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2
2-ø0.9 holes
2
3
5
4
1.2
Pattern section
6.8
1.2
2.5 2.5
2-ø0.9 holes
Pattern section
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from the direction A)
13
1-pole, 2-positions
14
1-pole, 3-positions
15
2-poles, 3-positions
Horizontal Actuator Type, Reflow Type
Dimensions
Unit:mm
c
12 3
1-pole, 2-positions
c
1 2
34
1-pole, 3-positions
12
3
4
5
67
8
9
!0
c
1-pole,
4-positions
c
c
1 23
456
2-poles,
2-positions
12
3 4
56
7 8
c
c
2-poles,
3-positions
c
c
12
3
4
5
67
8
9
!0
2-poles,
4-positions
c
1 2 3
Circuit Diagram(Viewed from Direction A)
1-pole, 2-positions
c
12
3 4
1-pole, 3-positions
c
c
123
45 6
2-poles, 2-positions
c
c
1 2
3 4
5 67 8
2-poles, 3-positions
c
12
3
1-pole, 2-positions
c
1 2
3 4
1-pole, 3-positions
c
c
1 2
3 4
5 67 8
2-poles, 3-positions
Travel
PC board
mounting face
A
Terminal pitch : 2mm
}
}
Operating force with detent : a
b 1.5N
ba
bc
2.5N
13
22
¿0.8
1.5
¿0.8
3
5
2
3.5
3.75
a b
c
Terminal No.
cb
J
J
J
J
1
Travel
PC board
mounting face
A
Operating force with detent : 1.5N
1.5
2
¿0.8
¿0.8
6.8
8.5
9
2 3.5
3.75
Terminal pitch : 2.5mm
Terminal No.1
Travel
PC board
mounting face
A
Terminal pitch : 2mm
Operating force with detent : a
b 1.5N
ba
bc
2.5N
13
2
2
1.5
¿0.8
3
5
2
3.5
7.5
2
2
22
Terminal No.
¿0.8
a b
c
cb
J
J
J
J
1
}
}
2
2-
ø0.9 holes
2
3
5
4
1.2
Pattern section
3.5(H)mm, 2mm-travel Type
SSSS2 Series
Slide Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com