Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS212400 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS212400
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS212400 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSSS212400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
111
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
SSAH
List of Varieties
Series
Photo
Outline
specificat
ions
Travel
(mm)
Actuator
direction
Number of
poles
Dimensions
(mm)
Page
W
29
9
12
―
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
―
143
D
H
1-2
1-3
1-4
2-3
4-2
SSSB
SSSF SSSU
SSSS2
SSSS7
SSSS8
SSSS9
SSAA
SSAB
SSAG
SSAC
SSST
4
Vertical
Horizontal
2
4
16.5
7
8.5
135
1
2
4
24.5
139
3
13
3.5
126
2
1
2
8.8
3
2
123
Horizontal
11.2
2.6
1.4
119
1.5
2
Vertical
Horizontal
14
4.7
5
5
130
2
12.4
6
147
Horizontal
152
112
9.5
5.5
5.2
150
1.5
9
4.2
8.5
Vertical
Horizontal
1
1.9
2
2
13
4.3
3.5
146
Vertical
1
9.05
1.15
●
●
●
●
●
●
●
●
●
―
2-2
2-4
●
●
SSAD
6.7
3.2
0.7
9.5
3
0.9
117
115
1.5
Horizontal
1
● Slide Switches Soldering Conditions ………………………………………………………………………………………154
● Slide Switches Cautions ………………………………………………………………………………………………………155
1
2
Rating
(max.)/
(min.)
(Resistive load)
1mA 5V DC
0.3A 4V DC
0.1A 30V DC
0.3A 6V DC 0.1A 12V DC
0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC
300
±10℃
5s max.
350
±10℃
5s max.
350
±10℃
4s max.
260
±5℃
3s max.
300
±5℃
5s max.
350
±5℃
3s max.
Please see P.154
Manual
soldering
Dip
soldering
Reflow
soldering
350
±10℃
3+
1 s
0
260
±5℃
10
±1s
300
±10℃
2s
260
±10℃
5
±1s
260
±10℃
10
±1s
260
±5℃
10
±1s
300
±10℃
3+
1s
0
260
±5℃
5
0 s
–1
350
±10℃
3s max.
350
±10℃
3+
1s
0
30m
Ω
max.
10N
–10
℃ to +60℃
–40
℃ to
+85℃
–10
℃ to +60℃
100m
Ω
max.
200m
Ω max.
100M
Ω min. 100V DC
100V AC for 1minute
3N for 1minute
25m
Ω max.
70m
Ω max.
100M
Ω min. 500V DC
500V AC for 1minute
5N for 1minute
30N
20N
10N
30N
Static force
10N
Static force
5N
10N
–20
±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
50N
70m
Ω
max.
20m
Ω
max.
100M
Ω min.
100V DC
100M
Ω min.
500V DC
100V AC for
1minute
500V AC
for 1minute
5N for 1minute
10N
20N
3N for
1minute
10N
5N
30N
40N
–40
±2℃
for 96h
30m
Ω
max.
100m
Ω
max.
25m
Ω
max.
※The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
Operating
temperature range
Initial contact
resistance
Insulation
resistance
Voltage
proof
Robustness
of terminal
Operating
direction
Pulling
direction
10,000cycles
300m
Ω max.
10,000cycles
500m
Ω max.
Operating life
without load
10,000cycles
100m
Ω max.※2
10,000cycles
200m
Ω max.
10,000cycles 130m
Ω max.※2
10,000cycles
60m
Ω max.
10,000cycles
80m
Ω max.
10,000cycles
45m
Ω max.
10,000cycles
65m
Ω max.
10,000cycles
40m
Ω max.
5,000cycles
60m
Ω max.
10,000cycles
100m
Ω max.
10,000cycles
130m
Ω max.
10,000cycles
45m
Ω max.
10,000cycles
65m
Ω max.
10,000cycles
200m
Ω max.
1,000cycles
60m
Ω max.
10,000cycles
80m
Ω max.
Operating life without
load Load:as rating
Cold
Dry heat
Damp
heat
Robustness
of actuator
※
※※※
※
10mA 5V DC
50
BA 3V DC
Slide Switches
260
±5℃
3
±1s
260
±5℃
5
0 s
–1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com