Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS212400 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS212400
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS212400 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SSSS212400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
154
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
SSSS2
SSSS7
SSAH, SSAG
SSSS8
Horizontal
1-pole, 2-positions
1-pole, 3-positions
(1.5mm)
Vertical
1-pole, 3-positions
Horizontal
1-pole, 2-positions
Vertical
1-pole, 2-positions
Horizontal
1-pole, 3-positions
2-poles, 3-positions
1-pole, 3-positions
(2mm)
1-pole, 4-positions
2-poles, 2-positions
SSAD
Vertical
Soldering Conditions
300
200
100
A max.
B
C
Time (s)
20 max.
※
E max.
Pre-heating
D max.
F
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where
the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size,
thickness, etc. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
3.
※SSAH and SSAG only 40's.
Notes
Series
(Reflow type)
250
240
240
250
260
200
220
230
150
120
255
240
200
220
A
(℃)
3s max.
B
(℃)
C
(℃)
D
(s)
E
(s)
F
(s)
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at soldering portion(copper foil surface).A heat resisting tape
should be used for fixed measurement.
3. Temperature profile
Slide Switches



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com