Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6887NETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6887NETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6887NETE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6887NETE Datasheet HTML 1Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 2Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 3Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 4Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 5Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 6Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 7Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 8Page - Maxim Integrated Products MAX6887NETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6887/MAX6888 multivoltage supply supervi-
sors provide several voltage-detector inputs, one watch-
dog input, and three outputs. Each voltage-detector
input offers a factory-set undervoltage and overvoltage
threshold. Manual reset and margin disable inputs offer
additional flexibility.
The MAX6887 offers six voltage-detector inputs, while
the MAX6888 offers four inputs. Output RESET asserts
when any input voltage drops below its respective
undervoltage threshold or manual reset MR is asserted.
Output OV asserts when any input voltage exceeds its
respective overvoltage threshold. Monitor standard
supply voltages listed in the
Selector Guide.
The MAX6887/MAX6888 offer a watchdog timer with an
initial and normal timeout periods of 102.4s and 1.6s,
respectively. Watchdog output WDO asserts when the
watchdog timer expires. Connect WDO to manual reset
input MR to generate resets when the watchdog timer
expires. RESET, OV, and WDO are active-low, open-
drain outputs.
The MAX6887/MAX6888 are available in a 5mm x 5mm
x 0.8mm, 16-pin thin QFN package and operate over
the extended -40°C to +85°C temperature range.
Applications
Multivoltage Systems
Telecom
Networking
Servers/Workstations/Storage Systems
Features
o Hex/Quad Voltage Detectors
o Undervoltage and Overvoltage Thresholds
o 1% Threshold Accuracy
o Margining Disable and Manual Reset Input
o Watchdog Timer
o Open-Drain RESET, OV, and WDO Outputs
o 180ms (min) Reset Timeout Period
o Few External Components
o Small 5mm x 5mm, 16-Pin Thin QFN Packages
Hex/Quad, Power-Supply Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
PART
TEMP RANGE
PIN-PACKAGE
MAX6887_ETE+
-40°C to +85°C
16 Thin QFN-EP*
MAX6888_ETE+
-40°C to +85°C
16 Thin QFN-EP*
Ordering Information
Selector Guide
19-0291; Rev 2; 2/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
Note: Insert the desired letter from the Selector Guide into the
blank to complete the part number.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
NOMINAL INPUT VOLTAGE (V)*
PART
IN1
IN2
IN3
IN4
IN5
IN6
TOL
(%)
MAX6887AETE
5.0
3.3
2.5
1.8
Adj
Adj
5
MAX6887BETE
5.0
3.3
2.5
Adj
Adj
Adj
5
MAX6887CETE
5.0
3.3
1.8
Adj
Adj
Adj
5
MAX6887DETE
3.3
2.5
1.8
1.5
Adj
Adj
5
MAX6887EETE
3.3
2.5
1.8
Adj
Adj
Adj
5
MAX6887FETE
3.3
2.5
1.5
Adj
Adj
Adj
5
MAX6887GETE 3.3
2.5
Adj
Adj
Adj
Adj
5
MAX6887HETE
3.3
1.8
Adj
Adj
Adj
Adj
5
MAX6887QETE
Adj
Adj
Adj
Adj
Adj
Adj
5
NOMINAL INPUT VOLTAGE (V)*
PART
IN1
IN2
IN3
IN4
IN5
IN6
TOL
(%)
MAX6887IETE
5.0
3.3
2.5
1.8
Adj
Adj
10
MAX6887JETE
5.0
3.3
2.5
Adj
Adj
Adj
10
MAX6887KETE
5.0
3.3
1.8
Adj
Adj
Adj
10
MAX6887LETE
3.3
2.5
1.8
1.5
Adj
Adj
10
MAX6887METE 3.3
2.5
1.8
Adj
Adj
Adj
10
MAX6887NETE
3.3
2.5
1.5
Adj
Adj
Adj
10
MAX6887OETE 3.3
2.5
Adj
Adj
Adj
Adj
10
MAX6887PETE
3.3
1.8
Adj
Adj
Adj
Adj
10
MAX6887RETE
Adj
Adj
Adj
Adj
Adj
Adj
10
*
See thresholds options tables (Tables 1 and 2) for actual undervoltage and overvoltage thresholds.
Selector Guides continued at end of data sheet.


Similar Part No. - MAX6887NETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887NETE MAXIM-MAX6887NETE Datasheet
788Kb / 14P
Hex/Quad, Power-Supply Supervisory Circuits
Rev 1; 3/07
More results

Similar Description - MAX6887NETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887 Datasheet
788Kb / 14P
Hex/Quad, Power-Supply Supervisory Circuits
Rev 1; 3/07
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com