Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5400IPZP Datasheet HTML 1Page - Texas Instruments ADS5400IPZP Datasheet HTML 2Page - Texas Instruments ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
REFERENCE
INP
INN
CLKINP
CLKINN
SCLK
SDIO
SDO
CLKOUTAP
CLKOUTAN
OUTB[0-11]P
OUTB[0-11]N
ADS
BLOCKDIAGRAM
5400
CLOCK
DIVIDE
12-bit ADC
(3 stagepipeline)
VCM
VREF
OVERRANGE
DETECTOR,
SYNCand
DEMUX
12
OUTA [0-11]P
OUTA[0-11]N
12
12
OVRBP (SYNCOUTBP)
OVRBN (SYNCOUTBN)
RESETP (SYNCINP)
RESETN (SYNCINN)
SDENB
BUFFER
CLKOUTBP
CLKOUTBN
OVRAP (SYNCOUTAP )
OVRAN (SYNCOUTAN)
ENEXTREF
ENPWD
ENA1BUS
CONTROL
TEMP SENSOR
OFFSET ADJUST
PHASE ADJUST
GAIN ADJUST
BUS A
BUSB
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
12-Bit, 1-GSPS Analog-to-Digital Converter
Check for Samples: ADS5400
1
FEATURES
•
On-Chip Analog Buffer
23
•
1-GSPS Sample Rate
•
100-Pin TQFP PowerPAD™ Package
(16-mm × 16-mm Footprint With Leads)
•
12-Bit Resolution
•
Industrial Temperature Range = –40°C to 85°C
•
2.1 GHz Input Bandwidth
•
SFDR = 66 dBc at 1.2 GHz
APPLICATIONS
•
SNR = 57.6 dBFS at 1.2 GHz
•
Test and Measurement Instrumentation
•
7 Clock Cycle Latency
•
Ultra-Wide Band Software-Defined Radio
•
Interleave Friendly: Internal Adjustments for
•
Data Acquisition
Gain, Phase, and Offset
•
Power Amplifier Linearization
•
1.5V to 2V Selectable Full-Scale Range
•
Signal Intelligence and Jamming
•
LVDS-Compatible Outputs, 1 or 2 Bus Options
•
Radar
•
Total Power Dissipation: 2.15 W
DESCRIPTION
The ADS5400 is a 12-bit, 1-GSPS analog-to-digital converter (ADC) that operates from both a 5-V supply and
3.3-V supply, while providing LVDS-compatible digital outputs. The analog input buffer isolates the internal
switching of the track and hold from disturbing the signal source. The simple 3-stage pipeline provides extremely
low latency for time critical applications. Designed for the conversion of signals up to 2 GHz of input frequency at
1 GSPS, the ADS5400 has outstanding low noise performance and spurious-free dynamic range over a large
input frequency range.
The ADS5400 is available in a TQFP-100 PowerPAD™ package. The combination of the PowerPAD package
and moderate power consumption of the ADS5400 allows for operation without an external heatsink. The
ADS5400 is built on Texas Instrument's complementary bipolar process (BiCom3) and is specified over the full
industrial temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5400IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400IPZP TI-ADS5400IPZP Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI-ADS5400IPZP Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI1-ADS5400IPZP Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI2-ADS5400IPZP Datasheet
2Mb / 58P
ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
REVISED JANUARY 2016
ADS5400IPZPG4 TI2-ADS5400IPZPG4 Datasheet
2Mb / 58P
ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
REVISED JANUARY 2016
More results

Similar Description - ADS5400IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9234 AD-AD9234 Datasheet
1Mb / 66P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9213 AD-AD9213 Datasheet
2Mb / 110P
12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com